Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 290 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 290 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 286Page - NXP Semiconductors HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
290
Freescale Semiconductor
23
T
Low-voltage inhibit reset/recover
hysteresis
Vhys
5 V
—
100
—
mV
xx
3 V
—
60
—
x
x
24
P Bandgap Voltage Reference13
VBG
1.18
1.20
1.21
V
x
1.17
1.20
1.22
V
x
1 Typical values are measured at 25
C. Characterized, not tested.
2 Electrical characteristics only apply to the temperature rated devices marked with x.
3 When a pin interrupt is configured to detect rising edges, pulldown resistors are used in place of pullup resistors.
4 The specified resistor value is the actual value internal to the device. The pullup value may measure higher when measured externally on
the pin.
5 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current conditions. If
positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result in external power supply
going out of regulation. Ensure external VDD load will shunt current greater than maximum injection current. This will be the greatest risk
when the MCU is not consuming power. Examples are: if no system clock is present, or if clock rate is very low (which would reduce overall
power consumption).
6 All functional non-supply pins are internally clamped to V
SS and VDD.
7 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate resistance
values for positive and negative clamp voltages, then use the larger of the two values.
8 The RESET pin does not have a clamp diode to V
DD. Do not drive this pin above VDD.
9 Maximum is highest voltage that POR will occur.
10 Simulated, not tested
11 Device functionality is guaranteed between the LVD threshold VLVD0 and VDD Min.When VDD is below the minimum operating voltage
(VDD Min), the analog parameters for the IO pins, ACMP and ADC, are not guaranteed to meet data sheet performance parameters.
12 In addition to LVD, it is recommended to also use the LVW feature. LVW can trigger an interrupt and be used as an indicator to warn that the
VDD is dropping,so that the software can take actions accordingly before the VDD drops below VDD Min
13 Factory trimmed at V
DD = 5.0 V
Table A-6. DC Characteristics (continued)
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit
Temp Rated2
Stand
ard
AEC
Grade
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com