Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 289 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 289 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 285Page - NXP Semiconductors HCS08 Datasheet HTML 286Page - NXP Semiconductors HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
289
11
Pullup or Pulldown3 resistors; when
enabled
P
I/O pins RPU,RPD
17
37
52
k
xx
C
RESET4
RPU
17
37
52
k
xx
12
D
DC injection current 5, 6, 7, 8
Single pin limit
VIN > VDD
0—2
mA
x
x
IIC
VIN < VSS
0
—
–0.2
mA
x
x
Total MCU limit,
includes
VIN > VDD
0—
25
mA
x
x
sum of all stressed
pins
VIN < VSS
0—
–5
mA
x
x
13
D Input Capacitance, all pins
CIn
——
8
pF
x
x
14
D RAM retention voltage
VRAM
—0.6
1.0
V
x
x
15
D POR re-arm voltage9
VPOR
0.9
1.4
2.0
V
x
x
16
D POR re-arm time10
tPOR
10
—
—
sx
x
17
P
Low-voltage
detection
threshold —
high range
VDD falling
VLVD1
3.9
3.88
4.0
4.0
4.1
4.12
V
x
x
VDD rising
4.0
3.98
4.1
4.1
4.2
4.22
x
x
18
P
Low-voltage detection threshold —
low range11,12
VDD falling
VDD rising
VLVD0
2.48
2.54
2.56
2.62
2.64
2.70
V
x
x
x
x
19
P
Low-voltage
warning
threshold —
high range 1
VDD falling
VLVW3
.
4.5
4.48
4.6
4.6
4.7
4.72
V
x
x
VDD rising
4.6
4.58
4.7
4.7
4.8
4.82
x
x
20
P
Low-voltage
warning
threshold —
high range 0
VDD falling
VLVW2
4.2
4.18
4.3
4.3
4.4
4.42
V
x
x
VDD rising
4.3
4.28
4.4
4.4
4.5
4.52
x
x
21
P
Low-voltage warning threshold
low range 1
VDD falling
VDD rising
VLVW1
2.84
2.90
2.92
2.98
3.00
3.06
V
x
x
x
x
22
P
Low-voltage warning threshold —
low range 0
VDD falling
VDD rising
VLVW0
2.66
2.72
2.74
2.80
2.82
2.88
V
x
x
x
x
Table A-6. DC Characteristics (continued)
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit
Temp Rated2
Stand
ard
AEC
Grade
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com