| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 45 Page - NXP Semiconductors |
|
45 / 316 page ![]() Chapter 4 Memory MC9S08SG8 MCU Series Data Sheet, Rev. 8 Freescale Semiconductor 45 High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers so they have been located outside the direct addressable memory space, starting at 0x1800. Table 4-3. High-Page Register Summary (Sheet 1 of 2) Address Register Name Bit 7 654321 Bit 0 0x1800 SRS POR PIN COP ILOP ILAD 0LVD 0 0x1801 SBDFR 0 0 0 0 0 0 0BDFR 0x1802 SOPT1 COPT STOPE 0 0 IICPS 0 0 0x1803 SOPT2 COPCLKS COPW 0ACIC 0 0 T1CH1PS T1CH0PS 0x1804 – 0x1805 Reserved — — — — — — — — — — — — — — — — 0x1806 SDIDH 1 — — — ID11 ID10 ID9 ID8 0x1807 SDIDL ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 0x1808 Reserved — — — — — — — — 0x1809 SPMSC1 LVWF LVWACK LVWIE LVDRE LVDSE LVDE 0BGBE 0x180A SPMSC2 0 0 LVDV LVWV PPDF PPDACK — PPDC 0x180B– 0x180F Reserved — — — — — — — — — — — — — — — — 0x1810 DBGCAH Bit 15 14 13 12 11 10 9 Bit 8 0x1811 DBGCAL Bit 7 654321 Bit 0 0x1812 DBGCBH Bit 15 14 13 12 11 10 9 Bit 8 0x1813 DBGCBL Bit 7 654321 Bit 0 0x1814 DBGFH Bit 15 14 13 12 11 10 9 Bit 8 0x1815 DBGFL Bit 7 654321 Bit 0 0x1816 DBGC DBGEN ARM TAG BRKEN RWA RWAEN RWB RWBEN 0x1817 DBGT TRGSEL BEGIN 0 0 TRG3 TRG2 TRG1 TRG0 0x1818 DBGS AF BF ARMF 0 CNT3 CNT2 CNT1 CNT0 0x1819– 0x181F Reserved — — — — — — — — — — — — — — — — 0x1820 FCDIV DIVLD PRDIV8 DIV 0x1821 FOPT KEYEN FNORED 0 0 0 0 SEC 0x1822 Reserved — — — — — — — — 0x1823 FCNFG 0 0 KEYACC 0 0 0 0 0 0x1824 FPROT FPS FPDIS 0x1825 FSTAT FCBEF FCCF FPVIOL FACCERR 0 FBLANK 0 0 0x1826 FCMD FCMD 0x1827– 0x183F Reserved — — — — — — — — — — — — — — — — 0x1840 PTAPE 0 0 — — PTAPE3 PTAPE2 PTAPE1 PTAPE0 0x1841 PTASE 0 0 — — PTASE3 PTASE2 PTASE1 PTASE0 0x1842 PTADS 0 0 — — PTADS3 PTADS2 PTADS1 PTADS0 0x1843 Reserved — — — — — — — — 0x1844 PTASC 0 0 0 0 PTAIF PTAACK PTAIE PTAMOD |