Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 293 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 293 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
293
A.7
Supply Current Characteristics
This section includes information about power supply current in various operating modes.
Table A-7. Supply Current Characteristics
Num
C
Parameter
Symbol
VDD
(V)
Typ1
Max2
Unit
Temp Rated3
Standard
AEC
Grade 0
1
C
Run supply current
4
measured at
(CPU clock = 4 MHz, fBus = 2
MHz)
RIDD
51.1
1.5
mA
xx
C3
1
1.5
x
x
2
P
Run supply current
3
measured at
(CPU clock = 16 MHz, fBus = 8
MHz)
RIDD
53.9
5
mA
xx
C3
3.9
5
x
x
3
C
Run supply current
5
measured at
(CPU clock = 32 MHz, fBus = 16
MHz)
RIDD
5
7.25
7.7
mA
xx
C
3
7.15
7.6
x
x
4
Stop3 mode supply current
S3I
DD
C
–40
C (C & M suffix )
5
1.1
—
A
x
P
25
C (All parts)
1.5
—
x
P6
85
C (C suffix only )
9.0
26
x
P6
105
C (V suffix only)
20.6
60
x
P6
125
C (M suffix only)
45.2
130
x
C
–40
C (C & M suffix )
3
1.0
—
A
x
C
25
C (All parts)
1.4
—
x
C85
C (C suffix only )
7.8
19
x
C
105
C (V suffix only)
18.2
45
x
C
125
C (M suffix only)
40.1
95
x
5
Stop2 mode supply current
S2I
DD
C
–40
C (C & M suffix )
5
1.1
—
A
x
P
25
C (All parts)
1.4
—
x
P6
85
C (C suffix only )
6.8
22
x
P6
105
C (V suffix only)
15.2
50
x
P6
125
C (M suffix only)
32.7
99
x
C
–40
C (C & M suffix )
3
1.0
—
A
x
C
25
C (All parts)
1.3
—
x
C85
C (C suffix only )
5.8
16
x
C
105
C (V suffix only)
13.1
36
x
C
125
C (M suffix only)
28.3
76
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com