Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 294 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 294 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors HCS08 Datasheet HTML 296Page - NXP Semiconductors HCS08 Datasheet HTML 297Page - NXP Semiconductors HCS08 Datasheet HTML 298Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
294
Freescale Semiconductor
Figure A-5. Typical Run IDD vs. Bus Frequency (VDD = 5V)
6C
RTC adder to stop2 or stop37
S23I
DDR
TI
5
300
500
nA
x
3
300
500
nA
x
7C
LVD adder to stop3 (LVDE = LVDSE
= 1)
S3I
DDLVD
5
110
180
Ax
390
160
Ax
8C
Adder to stop3 for oscillator
enabled8
(EREFSTEN =1)
S3I
DDOS
C
5,
3
58
A
x
x
1 Typical values are based on characterization data at 25
C. See Figure A-5 through Figure A-7 for typical curves across
voltage/temperature.
2 Max values in this column apply for the full operating temperature range of the device unless otherwise noted.
3 Electrical characteristics only apply to the temperature rated devices marked with x.
4 All modules except ADC active, ICS configured for FBE, and does not include any dc loads on port pins.
5 All modules except ADC active, ICS configured for FEI, and does not include any dc loads on port pins.
6 Stop currents are tested in production for 25
C on all parts. Tests at other temperatures depend upon the part number suffix
and maturity of the product. Freescale may eliminate a test insertion at a particular temperature from the production test flow
once sufficient data has been collected and is approved.
7 Most customers are expected to find that auto-wakeup from stop2 or stop3 can be used instead of the higher current wait mode.
8 Values given under the following conditions: low range operation (RANGE = 0) with a 32.768kHz crystal and low power mode
(HGO = 0).
Table A-7. Supply Current Characteristics (continued)
Num
C
Parameter
Symbol
VDD
(V)
Typ1
Max2
Unit
Temp Rated3
Standard
AEC
Grade 0
fbus (MHz)
8
4
2
1
016
0
2
4
10
20
6
8
FEI
FBELP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com