Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 288 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 288 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 284Page - NXP Semiconductors HCS08 Datasheet HTML 285Page - NXP Semiconductors HCS08 Datasheet HTML 286Page - NXP Semiconductors HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
288
Freescale Semiconductor
A.6
DC Characteristics
This section includes information about power supply requirements and I/O pin characteristics.
Table A-6. DC Characteristics
Num C
Characteristic
Symbol
Condition
Min
Typ1
Max
Unit
Temp Rated2
Stand
ard
AEC
Grade
0
1
— Operating voltage
VDD
—2.7
—
5.5
V
x
x
2
C
All I/O pins,
5 V, ILoad = –4 mA
VDD – 1.5
—
—
x
x
P
low-drive strength
5 V, ILoad = –2 mA
VDD – 0.8
—
—
x
x
C Output high
VOH
3 V, ILoad = –1 mA
VDD – 0.8
—
—
V
x
x
C voltage
5 V, ILoad = –20 mA
VDD – 1.5
—
—
x
x
P
All I/O pins,
5 V, ILoad = –10 mA
VDD – 0.8
—
—
x
x
C
high-drive strength
3 V, ILoad = –5 mA
VDD – 0.8
—
—
x
x
3C
Output high
current
Max total IOH for
all ports
IOHT
VOUT < VDD
0—
–100
mA
x
–50
x
4
C
All I/O pins
5 V, ILoad = 4 mA
—
—
1.5
x
x
P
low-drive strength
5 V, ILoad = 2 mA
—
—
0.8
x
x
COutput low
VOL
3 V, ILoad = 1 mA
—
—
0.8
V
x
x
C voltage
5 V, ILoad = 20 mA
—
—
1.5
x
x
P
All I/O pins
5 V, ILoad = 10 mA
—
—
0.8
x
x
C
high-drive strength
3 V, ILoad = 5 mA
—
—
0.8
x
x
5C
Output low
current
Max total IOL for
all ports
IOLT
VOUT > VSS
0—
mA
100
x
50
x
6
P Input high voltage; all digital inputs
VIH
5V
0.65 x VDD
——
V
x
x
C
3V
0.7 x VDD
——
x
x
7
P Input low voltage; all digital inputs
VIL
5V
—
—
0.35 x VDD
Vx
x
C
3V
—
—
0.35 x VDD
xx
8
C Input hysteresis
Vhys
0.06 x VDD
V
xx
xx
9
P Input leakage current (per pin)
I
In
VIn = VDD or VSS
—
0.1
1
A
x
temperature > 125
C—
2
x
10
P
Hi-Z (off-state) leakage current
(per
pin)
input/output port pins
I
OZ
VIn = VDD or VSS,—
0.1
1
Ax
PTB6/SDA/XTAL, RESET
VIn = VDD or VSS
—0.2
2
Ax
input/output port pins
VIn = VDD or VSS
temperature > 125
C
—0.2
2
Ax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com