Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 291 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 291 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors HCS08 Datasheet HTML 290Page - NXP Semiconductors HCS08 Datasheet HTML 291Page - NXP Semiconductors HCS08 Datasheet HTML 292Page - NXP Semiconductors HCS08 Datasheet HTML 293Page - NXP Semiconductors HCS08 Datasheet HTML 294Page - NXP Semiconductors HCS08 Datasheet HTML 295Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
291
Figure A-1. Typical VOL vs IOL, High Drive Strength
Figure A-2. Typical VOL vs IOL, Low Drive Strength
IOL (mA)
20
15
10
5
025
0
0.5
1
1.5
2
a) VDD = 5V, High Drive
IOL (mA)
8
6
4
2
010
0
0.2
0.4
0.8
1.0
b) VDD = 3V, High Drive
0.6
150°C
25°C
–40°C
Max 0.8V@5mA
Max 1.5V@20mA
150°C
25°C
–40°C
IOL (mA)
4
3
2
1
05
0
0.5
1
1.5
2
150°C
25°C
–40°C
a) VDD = 5V, Low Drive
IOL (mA)
1.6
1.2
0.8
0.4
02.0
0
0.2
0.4
0.8
1.0
b) VDD = 3V, Low Drive
0.6
150°C
25°C
–40°C
Max 0.8V@1mA
Max 1.5V@4mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com