Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 66 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 66 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 62Page - NXP Semiconductors HCS08 Datasheet HTML 63Page - NXP Semiconductors HCS08 Datasheet HTML 64Page - NXP Semiconductors HCS08 Datasheet HTML 65Page - NXP Semiconductors HCS08 Datasheet HTML 66Page - NXP Semiconductors HCS08 Datasheet HTML 67Page - NXP Semiconductors HCS08 Datasheet HTML 68Page - NXP Semiconductors HCS08 Datasheet HTML 69Page - NXP Semiconductors HCS08 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 316 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 8
66
Freescale Semiconductor
Table 5-2. Vector Summary
Vector
Priority
Vector
Number
Address
(High/Low)
Vector
Name
Module
Source
Enable
Description
Lowest
Highest
31
0xFFC0/0xFFC1
—
—
—
—
—
30
0xFFC2/0xFFC3
Vacmp
ACMP
ACF
ACIE
Analog comparator
29
0xFFC4/0xFFC5
—
—
—
—
—
28
0xFFC6/0xFFC7
—
—
—
—
—
27
0xFFC8/0xFFC9
—
—
—
—
—
26
0xFFCA/0xFFCB
Vmtim
MTIM
TOF
TOIE
MTIM overflow
25
0xFFCC/0xFFCD
Vrtc
RTC
RTIF
RTIE
Real-time interrupt
24
0xFFCE/0xFFCF
Viic
IIC
IICIF
IICIE
IIC control
23
0xFFD0/0xFFD1
Vadc
ADC
COCO
AIEN
ADC
22
0xFFD2/0xFFD3
—
—
—
—
—
21
0xFFD4/0xFFD5
Vportb
Port B
PTBIF
PTBIE
Port B Pins
20
0xFFD6/0xFFD7
Vporta
Port A
PTAIF
PTAIE
Port A Pins
19
0xFFD8/0xFFD9
—
—
—
—
—
18
0xFFDA/0xFFDB
Vscitx
SCI
TDRE, TC
TIE, TCIE
SCI transmit
17
0xFFDC/0xFFDD
Vscirx
SCI
IDLE, RDRF,
LBKDIF,
RXEDGIF
ILIE, RIE, LBKDIE,
RXEDGIE
SCI receive
16
0xFFDE/0xFFDF
Vscierr
SCI
OR, NF,
FE, PF
ORIE, NFIE,
FEIE, PFIE
SCI error
15
0xFFE0/0xFFE1
Vspi
SPI
SPIF, MODF,
SPTEF
SPIE, SPIE, SPTIE
SPI
14
0xFFE2/0xFFE3
Vtpm2ovf
TPM2
TOF
TOIE
TPM2 overflow
13
0xFFE4/0xFFE5
Vtpm2ch1
TPM2
CH1F
CH1IE
TPM2 channel 1
12
0xFFE6/0xFFE7
Vtpm2ch0
TPM2
CH0F
CH0IE
TPM2 channel 0
11
0xFFE8/0xFFE9
Vtpm1ovf
TPM1
TOF
TOIE
TPM1 overflow
10
0xFFEA/0xFFEB
—
—
—
—
—
9
0xFFEC/0xFFED
—
—
—
—
—
8
0xFFEE/0xFFEF
—
—
—
—
—
7
0xFFF0/0xFFF1
—
—
—
—
—
6
0xFFF2/0xFFF3
Vtpm1ch1
TPM1
CH1F
CH1IE
TPM1 channel 1
5
0xFFF4/0xFFF5
Vtpm1ch0
TPM1
CH0F
CH0IE
TPM1 channel 0
4
0xFFF6/0xFFF7
—
—
—
—
—
3
0xFFF8/0xFFF9
Vlvd
System
control
LVWF
LVWIE
Low-voltage warning
2
0xFFFA/0xFFFB
—
—
—
—
—
1
0xFFFC/0xFFFD
Vswi
Core
SWI Instruction
—
Software interrupt
0
0xFFFE/0xFFFF
Vreset
System
control
COP,
LVD,
RESET pin,
Illegal opcode,
Illegal address
COPT
LVDRE
—
—
—
Watchdog timer
Low-voltage detect
External pin
Illegal opcode
Illegal address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More