Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 23 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 23 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 19Page - NXP Semiconductors HCS08 Datasheet HTML 20Page - NXP Semiconductors HCS08 Datasheet HTML 21Page - NXP Semiconductors HCS08 Datasheet HTML 22Page - NXP Semiconductors HCS08 Datasheet HTML 23Page - NXP Semiconductors HCS08 Datasheet HTML 24Page - NXP Semiconductors HCS08 Datasheet HTML 25Page - NXP Semiconductors HCS08 Datasheet HTML 26Page - NXP Semiconductors HCS08 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 316 page
background image
Chapter 1 Device Overview
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
23
Table 1-2 provides the functional version of the on-chip modules.
Table 1-2. Module Versions
Module
Version
Analog Comparator (5V)
(ACMP)
2
Analog-to-Digital Converter
(ADC)
1
Central Processor Unit
(CPU)
2
Inter-Integrated Circuit
(IIC)
2
Internal Clock Source
(ICS)
2
Serial Peripheral Interface
(SPI)
3
Serial Communications Interface
(SCI)
4
Modulo Timer
(MTIM)
1
Real-Time Counter
(RTC)
1
Timer Pulse Width Modulator
(TPM)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com