Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 285 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 285 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors HCS08 Datasheet HTML 283Page - NXP Semiconductors HCS08 Datasheet HTML 284Page - NXP Semiconductors HCS08 Datasheet HTML 285Page - NXP Semiconductors HCS08 Datasheet HTML 286Page - NXP Semiconductors HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors HCS08 Datasheet HTML 289Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
Freescale Semiconductor
285
A.4
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and voltage regulator circuits, and it is user-determined rather than being controlled by the
MCU design. To take PI/O into account in power calculations, determine the difference between actual pin
voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high
pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
Table A-3. Thermal Characteristics
Num
C
Rating
Symbol
Value
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standar
d
AEC
Grade 0
1
—
Operating temperature range
(packaged)
TL to TH
C
C
TA
–40 to 85
x
V–40 to 105
x
M–40 to 125
x
W–40 to 150
x
2
D
Maximum junction temperature
C
CTJ
95
x
V115
x
M135
x
W155
x
D
Thermal resistance 2,3
Single-layer board
2 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board) temperature,
ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
3 Junction to Ambient Natural Convection
JA
Airflow at
200 ft/min
Natural
Convection
3
8-pin NB SOIC
131
153
C/W
x
16-pin TSSOP
115
135
x
x
20-pin TSSOP
95
115
x
4
D
Thermal resistance2,3
Four-layer board
JA
Airflow at
200 ft/min
Natural
Convection
8-pin NB SOIC
95
102
C/W
x
16-pin TSSOP
86
94
x
x
20-pin TSSOP
69
76
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com