Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 284 Page - NXP Semiconductors

No de pièce HCS08
Description  Microcontrollers
PDF  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 284 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 280Page - NXP Semiconductors HCS08 Datasheet HTML 281Page - NXP Semiconductors HCS08 Datasheet HTML 282Page - NXP Semiconductors HCS08 Datasheet HTML 283Page - NXP Semiconductors HCS08 Datasheet HTML 284Page - NXP Semiconductors HCS08 Datasheet HTML 285Page - NXP Semiconductors HCS08 Datasheet HTML 286Page - NXP Semiconductors HCS08 Datasheet HTML 287Page - NXP Semiconductors HCS08 Datasheet HTML 288Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 316 page
background image
Appendix A Electrical Characteristics
MC9S08SG8 MCU Series Data Sheet, Rev. 8
284
Freescale Semiconductor
This device contains circuitry protecting against damage due to high static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for instance, either VSS or VDD) or the programmable
pull-up resistor associated with the pin is enabled.
Table A-2. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Temp Rated1
1 Electrical characteristics only apply to the temperature rated devices marked with x.
Standard
AEC
Grade 0
Supply voltage
VDD
–0.3 to +5.8
V
x
x
Maximum current into VDD
IDD
120
mA
x
x
Digital input voltage
VIn
–0.3 to VDD + 0.3
V
x
x
Instantaneous maximum current
Single pin limit (applies to all port pins)2, 3, 4
2
Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values for positive (VDD) and negative (VSS) clamp voltages, then use the larger of the two resistance values.
3 All functional non-supply pins are internally clamped to V
SS and VDD.
4 Power supply must maintain regulation within operating V
DD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and could result
in external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is present, or
if the clock rate is very low (which would reduce overall power consumption).
ID
 25
mA
x
x
Storage temperature range
Tstg
–55 to 150
Cx
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com