Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 134 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 134 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 130Page - NXP Semiconductors HCS08 Datasheet HTML 131Page - NXP Semiconductors HCS08 Datasheet HTML 132Page - NXP Semiconductors HCS08 Datasheet HTML 133Page - NXP Semiconductors HCS08 Datasheet HTML 134Page - NXP Semiconductors HCS08 Datasheet HTML 135Page - NXP Semiconductors HCS08 Datasheet HTML 136Page - NXP Semiconductors HCS08 Datasheet HTML 137Page - NXP Semiconductors HCS08 Datasheet HTML 138Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 374 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
134
Freescale Semiconductor
NOTE
Selecting the internal bandgap channel requires BGBE =1 in SPMSC1 see
Section 5.7.7, “System Power Management Status and Control 1 Register
(SPMSC1).” For value of bandgap voltage reference see Appendix A.8,
“Analog Comparator (ACMP) Electricals.”
10.1.1.2
Alternate Clock
The ADC is capable of performing conversions using the MCU bus clock, the bus clock divided by two,
the local asynchronous clock (ADACK) within the module, or the alternate clock (ALTCLK). The
ALTCLK on this device is the MCGERCLK.
The selected clock source must run at a frequency such that the ADC conversion clock (ADCK) runs at a
frequency within its specified range (fADCK) after being divided down from the ALTCLK input as
determined by the ADIV bits.
ALTCLK is active while the MCU is in wait mode provided the conditions described above are met. This
allows ALTCLK to be used as the conversion clock source for the ADC while the MCU is in wait mode.
ALTCLK cannot be used as the ADC conversion clock source while the MCU is in stop3.
10.1.1.3
Hardware Trigger
The RTC on this device can be enabled as a hardware trigger for the ADC module by setting the
Table 10-1. ADC Channel Assignment
ADCH
Channel
Input
Pin Control
ADCH
Channel
Input
Pin Control
00000
AD0
PTB0/MISO2/ADP0
ADPC0
10000
AD16
VREFL
N/A
00001
AD1
PTB1/MOSI2/ADP1
ADPC1
10001
AD17
VREFL
N/A
00010
AD2
PTB2/SPSCK2/ADP2
ADPC2
10010
AD18
VREFL
N/A
00011
AD3
PTB3/SS2/ADP3
ADPC3
10011
AD19
VREFL
N/A
00100
AD4
PTB4/KBIP4/ADP4
ADPC4
10100
AD20
VREFL
N/A
00101
AD5
PTB5/KBIP5/ADP5
ADPC5
10101
AD21
Reserved
N/A
00110
AD6
PTB6/ADP6
ADPC6
10110
AD22
Reserved
N/A
00111
AD7
PTB7/ADP7
ADPC7
10111
AD23
Reserved
N/A
01000
AD8
PTD0/ADP8/ACMP+
ADPC8
11000
AD24
Reserved
N/A
01001
AD9
PTD1/ADP9/ACMP-
ADPC9
11001
AD25
Reserved
N/A
01010
AD10
PTD3/KBIP3/ADP10
ADPC10
11010
AD26
Temperature
Sensor1
1 For more information, see Section 10.1.1.5, “Temperature Sensor.”
N/A
01011
AD11
PTD4/ADP11
ADPC11
11011
AD27
Internal Bandgap
N/A
01100
AD12
VREFL
ADPC12
11100
Reserved
N/A
01101
AD13
VREFL
ADPC13
11101
VREFH
VREFH
N/A
01110
AD14
VREFL
ADPC14
11110
VREFL
VREFL
N/A
01111
AD15
VREFL
ADPC15
11111
module
disabled
None
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com