Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 135 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 135 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 131Page - NXP Semiconductors HCS08 Datasheet HTML 132Page - NXP Semiconductors HCS08 Datasheet HTML 133Page - NXP Semiconductors HCS08 Datasheet HTML 134Page - NXP Semiconductors HCS08 Datasheet HTML 135Page - NXP Semiconductors HCS08 Datasheet HTML 136Page - NXP Semiconductors HCS08 Datasheet HTML 137Page - NXP Semiconductors HCS08 Datasheet HTML 138Page - NXP Semiconductors HCS08 Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 374 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
135
ADCSC2[ADTRG] bit. When enabled, the ADC will be triggered every time RTCINT matches
RTCMOD. The RTC interrupt does not have to be enabled to trigger the ADC.
The RTC can be configured to cause a hardware trigger in MCU run, wait, and stop3.
10.1.1.4
Analog Pin Enables
The ADC on MC9S08JM60 series contains only two analog pin enable registers, APCTL1 and APCTL2.
10.1.1.5
Temperature Sensor
The ADC module includes a temperature sensor whose output is connected to one of the ADC analog
channel inputs. Equation 10-1 provides an approximate transfer function of the temperature sensor.
Temp = 25 – ((VTEMP – VTEMP25) ÷ m)
Eqn. 10-1
where:
—VTEMP is the voltage of the temperature sensor channel at the ambient temperature.
—VTEMP25 is the voltage of the temperature sensor channel at 25°C.
— m is the hot or cold voltage versus temperature slope in V/
°C.
For temperature calculations, use the VTEMP25 and m values from the ADC Electricals table.
In application code, the user reads the temperature sensor channel, calculates VTEMP, and compares to
VTEMP25. If VTEMP is greater than VTEMP25, the cold slope value is applied in Equation 10-1. If VTEMP
is less than VTEMP25 the hot slope value is applied in Equation 10-1.
To improve accuracy, calibrate the bandgap voltage reference and temperature sensor. Calibrating at
25
°C will improve accuracy to ±4.5°C. Calibration at 3 points, –40°C, 25°C, and 125°C will improve
accuracy to ±2.5
°C. Once calibration has been completed, the user will need to calculate the slope for both
hot and cold. In application code, the user would then calculate the temperature using Equation 10-1 as
detailed above and then determine if the temperature is above or below 25
°C. Once determined, if the
temperature is above or below 25
°C, the user can recalculate the temperature using the hot or cold slope
value obtained during calibration.
10.1.2
Low-Power Mode Operation
The ADC is capable of running in stop3 mode but requires LVDSE and LVDE in SPMSC1 to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com