Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 119 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 119 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 115Page - NXP Semiconductors HCS08 Datasheet HTML 116Page - NXP Semiconductors HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 374 page
background image
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
119
Chapter 8
5 V Analog Comparator (S08ACMPV2)
8.1
Introduction
The analog comparator module (ACMP) provides a circuit for comparing two analog input voltages or for
comparing one analog input voltage to an internal reference voltage. The comparator circuit is designed to
operate across the full range of the supply voltage (rail to rail operation).
NOTE
MC9S08JM60 series devices operate at a higher voltage range (2.7 V to
5.5 V) and do not include stop1 mode. Therefore, please disregard
references to stop1.
8.1.1
ACMP Configuration Information
When using the bandgap reference voltage for input to ACMP+, the user must enable the bandgap buffer
by setting BGBE =1 in SPMSC1 see Section 5.7.7, “System Power Management Status and Control 1
Register (SPMSC1).” For value of bandgap voltage reference see Appendix A.6, “DC Characteristics.”
8.1.2
ACMP/TPM Configuration Information
The ACMP module can be configured to connect the output of the analog comparator to TPM input capture
channel 0 by setting ACIC in SOPT2. With ACIC set, the TPM1CH0 pin is not available externally
regardless of the configuration of the TPM module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com