Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 121 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 121 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 117Page - NXP Semiconductors HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors HCS08 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 374 page
background image
Analog Comparator (S08ACMPV2)
MC9S08JM60 Series Data Sheet, Rev. 5
Freescale Semiconductor
121
8.1.3
Features
The ACMP has the following features:
•
Full rail to rail supply operation.
•
Selectable interrupt on rising edge, falling edge, or either rising or falling edges of comparator
output.
•
Option to compare to fixed internal bandgap reference voltage.
•
Option to allow comparator output to be visible on a pin, ACMPO.
•
Can operate in stop3 mode
8.1.4
Modes of Operation
This section defines the ACMP operation in wait, stop and background debug modes.
8.1.4.1
ACMP in Wait Mode
The ACMP continues to run in wait mode if enabled before executing the WAIT instruction. Therefore,
the ACMP can be used to bring the MCU out of wait mode if the ACMP interrupt, ACIE is enabled. For
lowest possible current consumption, the ACMP must be disabled by software if not required as an
interrupt source during wait mode.
8.1.4.2
ACMP in Stop Modes
8.1.4.2.1
Stop3 Mode Operation
The ACMP continues to operate in stop3 mode if enabled and compare operation remains active. If
ACOPE is enabled, comparator output operates as in the normal operating mode and comparator output is
placed onto the external pin. The MCU is brought out of stop when a compare event occurs and ACIE is
enabled; ACF flag sets accordingly.
If stop is exited with a reset, the ACMP will be put into its reset state.
8.1.4.2.2
Stop2 and Stop1 Mode Operation
During either stop2 and stop1 mode, the ACMP module will be fully powered down. Upon wake-up from
stop2 or stop1 mode, the ACMP module will be in the reset state.
8.1.4.3
ACMP in Active Background Mode
When the microcontroller is in active background mode, the ACMP will continue to operate normally.
8.1.5
Block Diagram
The block diagram for the Analog Comparator module is shown Figure 8-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com