| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS08 Fiches technique(PDF) 116 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HCS08 Fiches technique(HTML) 116 Page - NXP Semiconductors |
|
116 / 374 page ![]() Chapter 7 Central Processor Unit (S08CPUV2) MC9S08JM60 Series Data Sheet, Rev. 5 116 Freescale Semiconductor TXS Transfer Index Reg. to SP SP ← (H:X) – $0001 INH 94 2 fp – – – – – – WAIT Enable Interrupts; Wait for Interrupt I bit ← 0; Halt CPU INH 8F 2+ fp... – – 0 – – – Source Form: Everything in the source forms columns, except expressions in italic characters, is literal information which must appear in the assembly source file exactly as shown. The initial 3- to 5-letter mnemonic and the characters (# , ( ) and +) are always a literal characters. n Any label or expression that evaluates to a single integer in the range 0-7. opr8i Any label or expression that evaluates to an 8-bit immediate value. opr16i Any label or expression that evaluates to a 16-bit immediate value. opr8a Any label or expression that evaluates to an 8-bit direct-page address ($00xx). opr16a Any label or expression that evaluates to a 16-bit address. oprx8 Any label or expression that evaluates to an unsigned 8-bit value, used for indexed addressing. oprx16 Any label or expression that evaluates to a 16-bit value, used for indexed addressing. rel Any label or expression that refers to an address that is within –128 to +127 locations from the start of the next instruction. Operation Symbols: A Accumulator CCR Condition code register H Index register high byte M Memory location n Any bit opr Operand (one or two bytes) PC Program counter PCH Program counter high byte PCL Program counter low byte rel Relative program counter offset byte SP Stack pointer SPL Stack pointer low byte X Index register low byte & Logical AND | Logical OR ⊕ Logical EXCLUSIVE OR ( ) Contents of + Add – Subtract, Negation (two’s complement) × Multiply ÷ Divide # Immediate value ← Loaded with : Concatenated with Addressing Modes: DIR Direct addressing mode EXT Extended addressing mode IMM Immediate addressing mode INH Inherent addressing mode IX Indexed, no offset addressing mode IX1 Indexed, 8-bit offset addressing mode IX2 Indexed, 16-bit offset addressing mode IX+ Indexed, no offset, post increment addressing mode IX1+ Indexed, 8-bit offset, post increment addressing mode REL Relative addressing mode SP1 Stack pointer, 8-bit offset addressing mode SP2 Stack pointer 16-bit offset addressing mode Cycle-by-Cycle Codes: f Free cycle. This indicates a cycle where the CPU does not require use of the system buses. An f cycle is always one cycle of the system bus clock and is always a read cycle. p Progryam fetch; read from next consecutive location in program memory r Read 8-bit operand s Push (write) one byte onto stack u Pop (read) one byte from stack v Read vector from $FFxx (high byte first) w Write 8-bit operand CCR Bits: VOverflow bit H Half-carry bit I Interrupt mask N Negative bit Z Zero bit C Carry/borrow bit CCR Effects: Set or cleared – Not affected U Undefined Table 7-2. . Instruction Set Summary (Sheet 9 of 9) Source Form Operation Object Code Cyc-by-Cyc Details Affect on CCR VH I N Z C |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |