Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 122 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 122 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 118Page - NXP Semiconductors HCS08 Datasheet HTML 119Page - NXP Semiconductors HCS08 Datasheet HTML 120Page - NXP Semiconductors HCS08 Datasheet HTML 121Page - NXP Semiconductors HCS08 Datasheet HTML 122Page - NXP Semiconductors HCS08 Datasheet HTML 123Page - NXP Semiconductors HCS08 Datasheet HTML 124Page - NXP Semiconductors HCS08 Datasheet HTML 125Page - NXP Semiconductors HCS08 Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 374 page
background image
Analog Comparator (S08ACMPV2)
MC9S08JM60 Series Data Sheet, Rev. 5
122
Preliminary
Freescale Semiconductor
Figure 8-2. Analog Comparator 5V (ACMP5) Block Diagram
8.2
External Signal Description
The ACMP has two analog input pins, ACMP+ and ACMP– and one digital output pin ACMPO. Each of
these pins can accept an input voltage that varies across the full operating voltage range of the MCU. As
shown in Figure 8-2, the ACMP– pin is connected to the inverting input of the comparator, and the
ACMP+ pin is connected to the comparator non-inverting input if ACBGS is a 0. As shown in Figure 8-2,
the ACMPO pin can be enabled to drive an external pin.
The signal properties of ACMP are shown in Table 8-1.
8.3
Memory Map
8.3.1
Register Descriptions
The ACMP includes one register:
Table 8-1. Signal Properties
Signal
Function
I/O
ACMP–
Inverting analog input to the ACMP.
(Minus input)
I
ACMP+
Non-inverting analog input to the ACMP.
(Positive input)
I
ACMPO
Digital output of the ACMP.
O
+
-
Interrupt
Control
Internal
Reference
ACBGS
Internal Bus
Status & Control
Register
ACME
ACF
ACIE
ACOPE
Comparator
ACMP
INTERRUPT
REQUEST
ACMP+
ACMP–
ACMPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com