| Moteur de recherche de fiches techniques de composants électroniques |
|
VR4102 Fiches technique(PDF) 98 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Fiches technique(HTML) 98 Page - NEC |
|
98 / 701 page ![]() CHAPTER 3 CPU INSTRUCTION SET SUMMARY 98 Table 3-19. System Control Coprocessor (CP0) Instructions (2/2) Instruction Format and Description Read Indexed TLB Entry TLBR The TLB entry indexed by the index register is loaded into the entryHi, entryLo0, entryLo1, or page mask register. Write Indexed TLB Entry TLBWI The contents of the entryHi, entryLo0, entryLo1, or page mask register are loaded into the TLB entry indexed by the index register. Write Random TLB Entry TLBWR The contents of the entryHi, entryLo0, entryLo1, or page mask register are loaded into the TLB entry indexed by the random register. Probe TLB For Matching Entry TLBP The address of the TLB entry that matches with the contents of entryHi register is loaded into the index register. Return From Exception ERET The program returns from exception, interrupt, or error trap. Instruction Format and Description STANDBY STANDBY The processor’s operating mode is transited from fullspeed mode to standby mode. SUSPEND SUSPEND The processor’s operating mode is transited from fullspeed mode to suspend mode. HIBERNATE HIBERNATE The processor’s operating mode is transited from fullspeed mode to hibernate mode. Instruction Format and Description Cache Operation Cache op, offset (base) The 16-bit offset is sign extended to 32 bits and added to the contents of the register case, to form virtual address. This virtual address is translated to physical address with TLB. For this physical address, cache operation that is indicated by 5-bit sub-opcode is performed. COP0 funct CO CACHE offset base op COP0 funct CO |