Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VR4102 Fiches technique(PDF) 22 Page - NEC

No de pièce VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

VR4102 Fiches technique(HTML) 22 Page - NEC

Back Button VR4102 Datasheet HTML 18Page - NEC VR4102 Datasheet HTML 19Page - NEC VR4102 Datasheet HTML 20Page - NEC VR4102 Datasheet HTML 21Page - NEC VR4102 Datasheet HTML 22Page - NEC VR4102 Datasheet HTML 23Page - NEC VR4102 Datasheet HTML 24Page - NEC VR4102 Datasheet HTML 25Page - NEC VR4102 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 701 page
background image
22
LIST OF FIGURES (3/4)
Fig. No.
Title
Page
8-7
Instruction Cache State Diagram ...........................................................................................................
219
8-8
Data flow on Instruction Fetch ...............................................................................................................
220
8-9
Data Integrity on Load Operations .........................................................................................................
221
8-10
Data Integrity on Store Operations ........................................................................................................
222
8-11
Data Integrity on Index_Invalidate Operations.......................................................................................
223
8-12
Data Integrity on Index_Writeback_Invalidate Operations.....................................................................
223
8-13
Data Integrity on Index_Load_Tag Operations ......................................................................................
224
8-14
Data Integrity on Index_Store_Tag Operations .....................................................................................
224
8-15
Data Integrity on Create_Dirty Operations.............................................................................................
225
8-16
Data Integrity on Hit_Invalidate Operations ...........................................................................................
225
8-17
Data Integrity on Hit_Writeback_Invalidate Operations .........................................................................
226
8-18
Data Integrity on Fill Operations ............................................................................................................
226
8-19
Data Integrity on Hit_Writeback Operations...........................................................................................
227
8-20
Data Integrity on Writeback Flow ...........................................................................................................
228
8-21
Data Integrity on Refill Flow ...................................................................................................................
228
8-22
Data Integrity on Writeback & Refill Flow...............................................................................................
229
9-1
Non-maskable Interrupt Signal ..............................................................................................................
231
9-2
Hardware Interrupt Signals ....................................................................................................................
233
9-3
Masking of the CPU Core Interrupts ......................................................................................................
234
10-1
ROM 4-byte Read, 16-bit Mode (WROMA[2:0] = 110)...........................................................................
253
10-2
ROM 4-byte Read, 32-bit Mode (WROMA[2:0] = 110)...........................................................................
253
10-3
PageROM 4-word Read, 16-bit Mode (WROMA[2:0] = 111, WPROM[1:0] = 10) ..................................
254
10-4
PageROM 4-word Read, 32-bit Mode (WROMA[2:0] = 111, WPROM[1:0] = 10) ..................................
255
10-5
Flash Memory Mode, 2-byte Access......................................................................................................
255
10-6
1-byte Access to Even Address Using 16-bit Bus (WISAA[2:0] = 101)..................................................
256
10-7
2-byte Access when Sampling IOCHRDY at High Level Using 16-bit Bus (WISAA[2:0] = 101) ............
257
10-8
1-byte Access to Odd Address Using 16-bit Bus (WISAA[2:0] = 101) ...................................................
258
10-9
1-byte Access to Odd Address Using 8-bit Bus (WISAA[2:0] = 101) .....................................................
258
10-10
2-byte Access when Sampling ZWS# at Low Level on 16-bit Bus (WISAA[2:0] = 101) ........................
259
10-11
2-byte Access when Sampling ZWS# at Low Level on 8-bit Bus (WISAA[2:0] = 101) ..........................
260
10-12
2-byte Access on 16-bit Bus (WLCD/M[2:0] = 101) ...............................................................................
261
10-13
1-byte Access on 8-bit Bus (WLCD/M[2:0] = 101) .................................................................................
261
10-14
2-byte Access When Sampling ZWS# at Low Level on 16-bit Bus (WLCD/M[2:0] = 101).....................
262
10-15
1-byte Access When Sampling ZWS# at Low Level on 8-bit Bus (WLCD/M[2:0] = 101).......................
262
10-16
2-byte Access to LCD Controller (WLCD/M[2:0] = 010).........................................................................
263
10-17
2-byte Access to LCD Controller (WLCD/M[2:0] = 011).........................................................................
263
10-18
4-byte Access to DRAM (16-bit Mode) ..................................................................................................
264
10-19
8-byte Access to DRAM (32-bit Mode) ..................................................................................................
264
10-20
Byte Read of Odd Address in DRAM (16-bit Mode)...............................................................................
265
10-21
Byte Read of Even Address in DRAM (16-bit Mode) .............................................................................
265
10-22
Byte Write to Odd Address in DRAM (16-bit Mode)...............................................................................
266
10-23
Byte Write to Even Address in DRAM (16-bit Mode) .............................................................................
266



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More