| Moteur de recherche de fiches techniques de composants électroniques |
|
VR4102 Fiches technique(PDF) 96 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Fiches technique(HTML) 96 Page - NEC |
|
96 / 701 page ![]() CHAPTER 3 CPU INSTRUCTION SET SUMMARY 96 3.2.4 Special Instructions Special instructions generate software exceptions. Their formats are R-type (Syscall, Break). The Trap instruction is available only for the VR4000 Series. All the other instructions are available for all VR Series. Table 3-17. Special Instructions Instruction Format and Description Synchronize SYNC Completes the load/store instruction executing in the current pipeline before the next load/store instruction starts execution. System Call SYSCALL Generates a system call exception, and then transits control to the exception handling program. Breakpoint BREAK Generates a break point exception, and then transits control to the exception handling program. Table 3-18. Special Instructions (Extended ISA) (1/2) Instruction Format and Description Trap If Greater Than Or Equal TGE rs, rt The contents of register rs are compared with that of register rt, treating both operands as signed integers. If the contents of register rs are greater than or equal to that of register rt, an exception occurs. Trap If Greater Than Or Equal Unsigned TGEU rs, rt The contents of register rs are compared with that of register rt, treating both operands as unsigned integers. If the contents of register rs are greater than or equal to that of register rt, an exception occurs. Trap If Less Than TLT rs, rt The contents of register rs are compared with that of register rt, treating both operands as signed integers. If the contents of register rs are less than that of register rt, an exception occurs. Trap If Less Than Unsigned TLTU rs, rt The contents of register rs are compared with that of register rt, treating both operands as unsigned integers. If the contents of register rs are less than that of register rt, an exception occurs. Trap If Equal TEQ rs, rt If the contents of registers rs and rt are equal, an exception occurs. Trap If Not Equal TNE rs, rt If the contents of registers rs and rt are not equal, an exception occurs. SPECIAL rs rt funct rd sa SPECIAL rs rt funct rd sa |