| Moteur de recherche de fiches techniques de composants électroniques |
|
VR4102 Fiches technique(PDF) 89 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Fiches technique(HTML) 89 Page - NEC |
|
89 / 701 page ![]() CHAPTER 3 CPU INSTRUCTION SET SUMMARY 89 Table 3-9. Shift Instruction (Extended ISA) Instruction Format and Description Doubleword Shift Left Logical DSLL rd, rs, sa The contents of register rt are shifted left by sa bits and zeros are inserted into the emptied lower bits. The 64-bit result is stored into register rd. Doubleword Shift Right Logical DSRL rd, rs, sa The contents of register rt are shifted right by sa bits and zeros are inserted into the emptied higher bits. The 64-bit result is stored into register rd. Doubleword Shift Right Arithmetic DSRA rd, rt, sa The contents of register rt are shifted right by sa bits and the emptied higher bits are sign extended. The 64-bit result is stored into register rd. Doubleword Shift Left Logical Variable DSLLV rd, rt, rs The contents of register rt are shifted left and zeros are inserted into the emptied lower bits. The lower six bits of register rs specify the shift count. The 64-bit result is stored into register rd. Doubleword Shift Right Logical Variable DSRLV rd, rt, rs The contents of register rt are shifted right and zeros are inserted into the emptied higher bits. The lower six bits of register rs specify the shift count. The 64-bit result is stored into register rd. Doubleword Shift Right Arithmetic Variable DSRAV rd, rt, rs The contents of register rt are shifted right and the emptied higher bits are sign extended. The lower six bits of register rs specify the shift count. The 64-bit result is stored into register rd. Doubleword Shift Left Logical + 32 DSLL32 rd, rt, sa The contents of register rt are shifted left by 32 + sa bits and zeros are inserted into the emptied lower bits. The 64-bit result is stored into register rd. Doubleword Shift Right Logical + 32 DSRL32 rd, rt, sa The contents of register rt are shifted right by 32 + sa bits and zeros are inserted into the emptied higher bits. The 64-bit result is stored into register rd. Doubleword Shift Right Arithmetic + 32 DSRA32 rd, rt, sa The contents of register rt are shifted right by 32 + sa bits and the emptied higher bits are sign extended. The 64-bit result is stored into register rd. op rs rt funct rd sa |