Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VR4102 Fiches technique(PDF) 49 Page - NEC

No de pièce VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

VR4102 Fiches technique(HTML) 49 Page - NEC

Back Button VR4102 Datasheet HTML 45Page - NEC VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC VR4102 Datasheet HTML 48Page - NEC VR4102 Datasheet HTML 49Page - NEC VR4102 Datasheet HTML 50Page - NEC VR4102 Datasheet HTML 51Page - NEC VR4102 Datasheet HTML 52Page - NEC VR4102 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 701 page
background image
CHAPTER 1 INTRODUCTION
49
1.5.5 Coprocessors (CP0-CP3)
MIPS ISA defines 4 types of coprocessors (CP0 to CP3).
CP1 is reserved to execute a floating-point instruction. CP2 and CP3 are reserved for future use. CP0 is an on-
chip system control coprocessor, which supports the virtual memory system and exception handling. The virtual
memory system is implemented using an on-chip TLB and the CP0 registers in the CPU.
CP0 translates virtual addresses to physical addresses, switches the operating mode, (kernel, supervisor, or user
mode), and management exceptions. It also controls the cache subsystem to analyze a cause and to return from the
error state.
Figure 1-8 shows the definitions of the CP0 register, and Table 1-18 shows simple descriptions of each register.
For the detailed descriptions of the registers related to the virtual system memory, refer to Chapter 5.
For the
detailed descriptions of the registers related to exception handling, refer to Chapter 6.
Figure 1-8. CP0 Registers
0
*
for Memory management
** for Exception handling
-
Reserved
Register No.
Register name
Index*
1
Random*
2
EntryLo0*
3
EntryLo1*
4
Context**
5
PageMask*
6
Wired*
7
–
8
BadVAddr**
9
Count**
10
EntryHi*
11
Compare**
12
Status**
13
Cause**
14
EPC**
15
PRId*
16
Register No.
Register name
Config*
17
LLAddr*
18
WatchLo**
19
WatchHi**
20
XContext**
21
–
22
–
23
–
24
–
25
–
26
PErr**
27
CacheErr**
28
TagLo*
29
TagHi*
30
ErrorEPC**
31
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More