| Moteur de recherche de fiches techniques de composants électroniques |
|
VR4102 Fiches technique(PDF) 7 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Fiches technique(HTML) 7 Page - NEC |
|
7 / 701 page ![]() 7 PREFACE Readers This manual targets users who intends to understand the functions of the VR4102 and to design application systems using this microprocessor. Purpose This manual introduces the architecture and hardware functions of the VR4102 to users, following the organization described below. Organization This manual consists of the following contents: • Introduction • Pipeline operation • Cache organization and memory management system • Exception processing • Initialization interface • Interrupts • Peripheral units • Instruction set details How to read this manual It is assumed that the reader of this manual has general knowledge in the fields of electric engineering, logic circuits, and microcomputers. The VR4000 TM in this manual includes the VR4400TM. To learn in detail about the function of a specific instruction, o Read Chapter 3 CPU Instruction Set Summary and Chapter 27 CPU Instruction Set Details. To learn about the overall functions of the VR4102, o Read this manual in sequential order. To learn about electrical specifications, o Refer to Data Sheet which is separately available. Legend Data significance: Higher on left and lower on right Active low: XXX# (trailing # after pin and signal names) Numeric representation: binary/decimal ... XXXX hexadecimal ... 0xXXXX Prefixes representing an exponent of 2 (for address space or memory capacity): K (kilo) 2 10 = 1024 M (mega) 2 20 = 10242 G (giga) 2 30 = 10243 T (tera) 2 40 = 10244 P (peta) 2 50 = 10245 E (exa) 2 60 = 10246 |