| Moteur de recherche de fiches techniques de composants électroniques |
|
VR4102 Fiches technique(PDF) 75 Page - NEC |
|
|
|||||||||||||||||||||||||||||
VR4102 Fiches technique(HTML) 75 Page - NEC |
|
75 / 701 page ![]() CHAPTER 2 PIN FUNCTIONS 75 Table 2-15. Status of Pins upon Reset (3/3) Signal When reset by RTCRST When reset by Deadman’s Switch or RSTSW During Suspend mode During Hibernate mode or when shut down by HAL timer During bus hold KPORT[7..0] ðð ðð ð KSCAN[11..0]/ GPIO[43..32] Note 1 Hi-Z Hi-Z Note 2 Hi-Z Note 3 AUDIOOUT 0 0 Note 2 0 Note 3 TPX[1..0] Hi-Z 1 Note 2 1 Note 3 TPY[1..0] Hi-Z Hi-Z Note 2 Hi-Z Note 3 ADIN[2..0] ðð ðð ð AUDIOIN ðð ðð ð GPIO[14..0] Hi-Z Hi-Z Note 2 Hi-Z Note 3 IRING ðð ðð ð ILCSENSE ðð ðð ð OFFHOOK Note 4 Hi-Z Hi-Z Note 2 Hi-Z Note 2 MUTE Note 4 Hi-Z Hi-Z Note 2 Hi-Z Note 2 AFERST# Note 4 00 Note 2 0 Note 2 SDI ðð ðð ð FS ðð ðð ð SDO 0 0 Note 2 0 Note 2 HSPSCLK ðð ðð ð TELCON Note 4 Hi-Z Hi-Z Note 2 Hi-Z Note 2 HC0 Note 4 00 Note 2 0 Note 2 HSPMCLK Note 4 00 Note 2 0 Note 2 OPD# 0 0 Note 2 0 Note 2 LEDOUT# 1 Note 3 Note 3 Note 3 Note 3 DBUS32/ GPIO[48] Note 5 Hi-Z Hi-Z Note 2 Hi-Z Note 2 GPIO[49] Note 5 Hi-Z Hi-Z Note 2 Hi-Z Note 2 Notes 1. This pin can be switched by software between function-pin and output-port uses. 2. The state at the previous Fullspeed mode is retained. 3. Normal operations are performed. 4. Be sure to set the BSC bit (DI) of the HSPINT register (0x0C00 0020) to 1 during initialization. 5. After RTC reset is canceled, this signal functions as an output port. Remark 0: outputs low level, 1: outputs high level, Hi-Z: high-impedance |