| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 409 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 409 Page - Freescale Semiconductor, Inc |
|
409 / 662 page ![]() Register Descriptions General Purpose Input/Output (GPIO), Rev. 4 Freescale Semiconductor 15-9 15.8 Register Descriptions Base Addresses: • GPIOA_BASE = GPIOA_BASE = $1FFE60 • GPIOB_BASE = GPIOB_BASE = $1FFE64 • GPIOC_BASE = GPIOC_BASE = $1FFE68 • GPIOD_BASE = GPIOD_BASE = $1FFE6C • GPIOE_BASE = GPIOE_BASE = $1FFE70 • GPIOF_BASE = GPIOF_BASE = $1FFE74 • GPIOG_BASE = GPIOG_BASE = $1FFE78 • GPIOH_BASE = GPIOH_BASE = $1FFE7C Table 15-9. GPIO H Memory Map (GPIOH_BASE = $1FFE7C) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_H_PER Peripheral Enable Register Read/Write Section 15.8.8 Base + $1 GPIO_H_DDR Data Direction Register Read/Write Section 15.8.16 Base + $2 GPIO_H_DR Data Register Read/Write Section 15.8.24 Base + $3 GPIO_H_PUR Pull-Up Enable Register Read/Write Section 15.8.32 Add. Offset Register Name 15 14 13 12 11 10 9876 54321 0 $0 PER R 1 1 1 1 1 1 1 1 1 1 1 1 1 PE W $1 DDR R 0 0 0 0 0 0 0 0 0 0 0 0 0 DD W $2 DR R 0 0 0 0 0 0 0 0 0 0 0 0 0 DATA W $3 PUR R 1 1 1 1 1 1 1 1 1 1 1 1 1 PUE W R 0 Read as 0 W Reserved Figure 15-9. GPIO H Register Map Summary |