| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 408 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 408 Page - Freescale Semiconductor, Inc |
|
408 / 662 page ![]() Module Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 15-8 Freescale Semiconductor Table 15-7. GPIO F Memory Map (GPIOF_BASE = $1FFE74) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_F_PER Peripheral Enable Register Read/Write Section 15.8.7 Base + $1 GPIO_F_DDR Data Direction Register Read/Write Section 15.8.14 Base + $2 GPIO_F_DR Data Register Read/Write Section 15.8.22 Base + $3 GPIO_F_PUR Pull-Up Enable Register Read/Write Section 15.8.30 Add. Offset Register Name 15 14 13 12 11 10 98765 4321 0 $0 PER R 1 1 1 1 1 1 1 1 1 1 1 1 PE W $1 DDR R 0 0 0 0 0 0 0 0 0 0 0 0 DD W $2 DR R 0 0 0 0 0 0 0 0 0 0 0 0 DATA W $3 PUR R 1 1 1 1 1 1 1 1 1 1 1 1 PUE W R 0 Read as 0 W Reserved Figure 15-7. GPIO F Register Map Summary Table 15-8. GPIO G Memory Map (GPIOG_BASE = $1FFE78) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_G_PER Peripheral Enable Register Read/Write Section 15.8.7 Base + $1 GPIO_G_DDR Data Direction Register Read/Write Section 15.8.15 Base + $2 GPIO_G_DR Data Register Read/Write Section 15.8.23 Base + $3 GPIO_G_PUR Pull-Up Enable Register Read/Write Section 15.8.31 Add. Offset Register Name 15 14 13 12 11 10 98765 4321 0 $0 PER R 1 1 1 1 1 1 1 1 1 1 1 1 PE W $1 DDR R 0 0 0 0 0 0 0 0 0 0 0 0 DD W $2 DR R 0 0 0 0 0 0 0 0 0 0 0 0 DATA W $3 PUR R 1 1 1 1 1 1 1 1 1 1 1 1 PUE W R 0 Read as 0 W Reserved Figure 15-8. GPIO G Register Map Summary |