| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 96 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 96 Page - Freescale Semiconductor, Inc |
|
96 / 662 page ![]() Memory Maps 5685X Digital Signal Controller User Manual, Rev. 4 3-8 Freescale Semiconductor Figure 3-4. 56857 Memory Map Figure 3-5. 56858 Memory Map Program Space $000000 $00A000 Prog RAM $1FFFFF Prog ROM $1F0400 $1F0000 Data Space $000000 $006000 Data RAM $1FFC00 On-Chip $1FFFFF Peripherals1 1. The range of short I/O space is: $1FFFC0 - $1FFFFF. $FFFFFF $FFFF00 EOnCE Reserved Program Space $000000 $00A000 Prog RAM1 $1FFFFF Prog ROM $1F0400 $1F0000 Data Space $000000 $006000 Data RAM1 $1FFC00 On-Chip $1FFFFF Peripherals4 $FFFFFF $FFFF00 EOnCE External Memory3 External Memory2 External Memory 1. Can be disabled resulting in this space being external memory. 2. In operating mode 2, chip select 0 is initially set to $040000. 3. In operating mode 0, chip select 0 is initially set to $040000 - $07FFFF. 4. The range of short I/O space is: $1FFFC0 - $1FFFFF. Reserved |