| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 407 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 407 Page - Freescale Semiconductor, Inc |
|
407 / 662 page ![]() Module Memory Maps General Purpose Input/Output (GPIO), Rev. 4 Freescale Semiconductor 15-7 Table 15-5. GPIO D Memory Map (GPIOD_BASE = $1FFE6C) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_D_PER Peripheral Enable Register Read/Write Section 15.8.4 Base + $1 GPIO_D_DDR Data Direction Register Read/Write Section 15.8.12 Base + $2 GPIO_D_DR Data Register Read/Write Section 15.8.20 Base + $3 GPIO_D_PUR Pull-Up Enable Register Read/Write Section 15.8.28 Add. Offset Register Name 15 14 13 12 11 10 9876 54321 0 $0 PER R 1 1 1 1 1 1 1 1 1 1 PE W $1 DDR R 0 0 0 0 0 0 0 0 0 0 DD W $2 DR R 0 0 0 0 0 0 0 0 0 0 DATA W $3 PUR R 1 1 1 1 1 1 1 1 1 1 PUE W R 0 Read as 0 W Reserved Figure 15-5. GPIO D Register Map Summary Table 15-6. GPIO E Memory Map (GPIOE_BASE = $1FFE70) Address Offset Register Acronym Register Name Access Type Chapter Location Base + $0 GPIO_E_PER Peripheral Enable Register Read/Write Section 15.8.5 Base + $1 GPIO_E_DDR Data Direction Register Read/Write Section 15.8.13 Base + $2 GPIO_E_DR Data Register Read/Write Section 15.8.21 Base + $3 GPIO_E_PUR Pull-Up Enable Register Read/Write Section 15.8.29 Add. Offset Register Name 15 14 13 12 11 10 9876 54321 0 $0 PER R 1 1 1 1 1 1 1 1 1 1 1 1 PE W $1 DDR R 0 0 0 0 0 0 0 0 0 0 0 0 DD W $2 DR R 0 0 0 0 0 0 0 0 0 0 0 0 DATA W $3 PUR R 1 1 1 1 1 1 1 1 1 1 1 1 PUE W R 0 Read as 0 W Reserved Figure 15-6. GPIO E Register Map Summary |