Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56857 Fiches technique(PDF) 385 Page - Freescale Semiconductor, Inc

No de pièce DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Fiches technique(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 384Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 385Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 386Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 387Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 388Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 662 page
background image
Interrupts
Quad Timer (TMR), Rev. 4
Freescale Semiconductor
13-19
13.11.2 Timer Overflow Interrupts
These interrupts are generated when a counter rolls over its maximum value while the TCFIE bit
is set in the TMR_SCR. These interrupts are cleared by writing 0 to the Timer Overflow Flag
(TOF) bit of the appropriate TMR_SCR.
13.11.3 Timer Input Edge Interrupts
These interrupts are generated by a transition of the input signal (either positive or negative
depending on IPS setting) while the Input Edge Flag Interrupt Enable (IEFIE) bit is set in the
TMR_SCR. These interrupts are cleared by writing 0 to the IEF bit of the appropriate
TMR_SCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More