Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56857 Fiches technique(PDF) 382 Page - Freescale Semiconductor, Inc

No de pièce DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Fiches technique(HTML) 382 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 378Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 379Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 380Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 381Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 382Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 383Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 384Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 385Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 386Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 662 page
background image
Register Descriptions (TMR_BASE = $1FFE80)
5685X Digital Signal Controller User Manual, Rev. 4
13-16
Freescale Semiconductor
13.9.2.14 Output Polarity Select (OPS)—Bit 1
This bit determines the polarity of the OFLAG Output signal.
•
0 = True polarity
•
1 = Inverted polarity
13.9.2.15 Output Enable (OEN)—Bit 0
When set, this bit enables the OFLAG Output signal to be put on the external pin. Additionally,
setting this bit connects a timer’s output pin to its input. The polarity of the signal will be
determined by the OPS bit.
13.9.3 Timer Channel Compare Register 1 (CMP1)
These read/write registers store the value used for comparison with counter value. There are four
Timer Channel Compare Registers in this occurrence. Their addresses are:
TMRA0_CMP1 (Timer A, Channel 0 Compare 1)—Address:TMRA_BASE + $0
TMRA1_CMP1 (Timer A, Channel 1 Compare 1)—Address: TMRA_BASE + $8
TMRA2_CMP1 (Timer A, Channel 2 Compare 1)—Address:TMRA_BASE + $10
TMRA3_CMP1 (Timer A, Channel 3 Compare 1)—Address: TMRA_BASE + $18
Figure 13-6. TMR Compare Register 1 (CMP1)
See Programmer’s Sheet on Appendix page B - 84
13.9.4 Timer Channel Compare Register 2 (CMP2)
These read/write registers store the value used for comparison with counter value. There are four
Timer Compare Registers in this occurrence. Their addresses are:
TMRA0_CMP2 (Timer A, Channel 0 Compare 2)—Address: TMRA_BASE + $1
TMRA1_CMP2 (Timer A, Channel 1 Compare 2)—Address: TMRA_BASE + $9
TMRA2_CMP2 (Timer A, Channel 2 Compare 2)—Address: TMRA_BASE + $11
TMRA3_CMP2 (Timer A, Channel 3 Compare 2)—Address: TMRA_BASE + $19
Figure 13-7. TMR Compare Register 2 (CMP2)
See Programmer’s Sheet on Appendix page B - 85
Base + $0. $8,
$10, $18
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
COMPARISON VALUE 1
Write
Reset
0000
000
0000
000
00
Base + $1, $9,
$11, $19
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
COMPARISON VALUE 2
Write
Reset
0000
000
0000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More