| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP56857 Fiches technique(PDF) 383 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Fiches technique(HTML) 383 Page - Freescale Semiconductor, Inc |
|
383 / 662 page ![]() Register Descriptions (TMR_BASE = $1FFE80) Quad Timer (TMR), Rev. 4 Freescale Semiconductor 13-17 13.9.5 Timer Channel Capture Register (CAP) These read/write registers store the values captured from the counters. There are four Timer Channel Hold Registers in this occurrence. Their addresses are: TMRA0_CAP (Timer A, Channel 0 Capture)—Address: TMRA_BASE + $2 TMRA1_CAP (Timer A, Channel 1 Capture)—Address: TMRA_BASE + $A TMRA2_CAP (Timer A, Channel 2 Capture)—Address: TMRA_BASE + $12 TMRA3_CAP (Timer A, Channel 3 Capture)—Address: TMRA_BASE + $1A Figure 13-8. TMR Capture Register (CAP) See Programmer’s Sheet on Appendix page B - 86 13.9.6 Timer Channel Load Register (LOAD) These read/write registers store the value used to load the counter. There are four Timer Channel Load Registers in this occurrence. Their addresses are: TMRA0_LOAD (Timer A, Channel 0 Load)—Address: TMRA_BASE + $3 TMRA1_LOAD (Timer A, Channel 1 Load)—Address: TMRA_BASE + $B TMRA2_LOAD (Timer A, Channel 2 Load)—Address: TMRA_BASE + $13 TMRA3_LOAD (Timer A, Channel 3 Load)—Address: TMRA_BASE + $1B Figure 13-9. TMR Load Register (LOAD) See Programmer’s Sheet on Appendix page B - 87 13.9.7 Timer Channel Hold Register (HOLD) These read/write registers store the channel’s value whenever any counter is read. There are four Timer Channel Hold Registers in this occurrence. Their addresses are: TMRA0_HOLD (Timer A, Channel 0 Load)—Address: TMRA_BASE + $4 TMRA1_HOLD (Timer A, Channel 1 Load)—Address: TMRA_BASE + $C TMRA2_HOLD (Timer A, Channel 2 Load)—Address: TMRA_BASE + $14 TMRA3_HOLD (Timer A, Channel 3 Load)—Address: TMRA_BASE + $1C Base + $2, $A, $12, $1A 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read CAPTURE VALUE Write Reset 00 000 0000 000 0000 Base + $3, $B, $13, $1B 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Read LOAD VALUE Write Reset 00 000 0000 000 0000 |