Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 42Page - STMicroelectronics UM0144 Datasheet HTML 43Page - STMicroelectronics UM0144 Datasheet HTML 44Page - STMicroelectronics UM0144 Datasheet HTML 45Page - STMicroelectronics UM0144 Datasheet HTML 46Page - STMicroelectronics UM0144 Datasheet HTML 47Page - STMicroelectronics UM0144 Datasheet HTML 48Page - STMicroelectronics UM0144 Datasheet HTML 49Page - STMicroelectronics UM0144 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
6 Librarian
ST7 Assembler Linker
46/92
UM0144
Pressing ENTER gives you access to the options shown in
Table 15.
6.3
Adding modules to a library
Typing for example:
+user1\board
would look for a file, called user1\board.obj, and add it to the library.
If LIB can't find the named file, LIB reports the fact and returns to the operations prompt. Else LIB issues
the following message:
Adding new board.obj ...
15 labels added
Done.
If the library already contained a file board.obj, it would prompt you with:
board.obj already in library LIB1.LIB,
replace with board.obj (Y/N):
Responding with 'N’ returns you to the operations prompt, while 'Y' first removes the old board.obj then
continues as above.
6.4
Deleting modules from a library
This is done by, for example:
-board
If LIB cannot find board.obj in the current library, it reports an error and aborts back to the operation
prompt. If it can find it, it makes sure you know what you are doing with:
board.obj to be deleted from library LIB1.LIB: Are you sure (Y/N):
N
’ aborts to operation prompt. 'Y' continues, reporting:
Removing old board.obj ...
Done.
Table 15.
Library file options
Operation
Description
+filename
add/update object module to/in library
-filename
delete object module from library
!filename
update object module in library
*filename
copy object module to separate file from library
?
list contents of library
x
Exit to DOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92