Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 27Page - STMicroelectronics UM0144 Datasheet HTML 28Page - STMicroelectronics UM0144 Datasheet HTML 29Page - STMicroelectronics UM0144 Datasheet HTML 30Page - STMicroelectronics UM0144 Datasheet HTML 31Page - STMicroelectronics UM0144 Datasheet HTML 32Page - STMicroelectronics UM0144 Datasheet HTML 33Page - STMicroelectronics UM0144 Datasheet HTML 34Page - STMicroelectronics UM0144 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
ST7 Assembler Linker
3 ST7 Assembler
UM0144
31/92
3.7.2
About options
Options are always preceded with a minus sign '-'. Upper and lower cases are accepted to
define options. Supported options are listed in
Table 13.
SYM option
LI option
Table 13.
Command line options
Option
Function
-SYM
enable symbol table listing
-LI
-LI=<listfile>
enable pass-2 listing
enable listing and specify name of .LST file
-OBJ=<path>
specify .OBJ file
-FI=<mapfile>
specify 'final' listing mode
-D <1> <2>
#define <1> <2>
-I
specify paths for included or loaded files
-M
output make rule
-PA
enable pass-1 listing
-NP
disable phase errors
Description:
This option allows the generation of a symbol table.
Format:
ASM <file> -sym
Example:
ASM prog -sym
The output is the file prog.sym
Description:
Request to generate a complete listing file.
Use the option -li=<pathname> to specify the pathname for the generated .LST
file.
Format:
ASM <file> -li
or
ASM <file> -li=<pathname>
Example:
ASM prog -li
The output is the file prog.lst in the current directory
ASM prog -li=obj\prog
The output is the file obj\prog.lst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92