| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0144 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0144 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 92 page ![]() ST7 Assembler Linker UM0144 73/92 A.53 STRING A.54 SUBTTL Purpose: Define a byte-level string. Format: STRING <exp or “string”>,[,<exp or “string”>...] Description: This directive forces the byte(s) in its argument list into the object code at the current address. The arguments may be composed of complex expressions, which may even include external labels. If the argument was an expression and had a value greater than 255 the lower 8 bits of the expression are used and no errors are gener- ated. String argument(s) must be surrounded by double-quotes: these are translated into ASCII and processed byte by byte. It's generally used for defining data tables. Synonymous BYTE and DC.B. Example: See Also: DC.B, BYTE, WORD, LONG, DC.W, DC.L, FCS Purpose: Define a subtitle for listing heading. Format: SUBTTL “<Subtitle string>” Description: This directive is related to the TITLE directive: its argument is used as a subtitle at the beginning of each page on a listing. We recommend that individual subtitles are generated for each module in a program, while the TITLE is defined once in the include file called by all the modules. This directive does not generate assembly code or data. Example: See Also: TITLE STRING 1,2,3 ; generates 01,02,03 STRING “HELLO” ; generates 48,45,4C,4C,4F STRING “HELLO”,0 ; generates 48,45,4C,4C,4F,00 SUBTTL “A/D control routines” |