Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 49Page - STMicroelectronics UM0144 Datasheet HTML 50Page - STMicroelectronics UM0144 Datasheet HTML 51Page - STMicroelectronics UM0144 Datasheet HTML 52Page - STMicroelectronics UM0144 Datasheet HTML 53Page - STMicroelectronics UM0144 Datasheet HTML 54Page - STMicroelectronics UM0144 Datasheet HTML 55Page - STMicroelectronics UM0144 Datasheet HTML 56Page - STMicroelectronics UM0144 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
ST7 Assembler Linker
UM0144
53/92
A.12
DS.B
Purpose:
Define byte space in object code.
Format:
DS.B [optional number of bytes]
Description:
This directive is used to 'space out' label definitions. For example let's say we need a
set of byte-sized temporary storage locations to be defined in RAM, starting at
address $4000. We could write:
segment byte at 4000 'RAM'
temp1
equ $4000
temp2
equ $4001
which would work fine, however, we recommend you to write:
segment byte at 4000 'RAM'
temp1
DS.B
temp2
DS.B
which does the same job. The advantage is that the PC increments automatically.
There are two other types of DS instructions available for doing WORD and LONG
length storage areas: DS.W and DS.L. Note that the areas in question are not initial-
ized to any value; it's merely a way of allocating values to labels.
The optional argument specifies how many bytes to allocate; the default is 1.
Because no code is generated to fill the space, you are not allowed to use DS.B in
segments containing code, only for segments with data definitions.
Example:
See Also:
DS.W, DS.L
labl
DS.B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92