Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 9Page - STMicroelectronics UM0144 Datasheet HTML 10Page - STMicroelectronics UM0144 Datasheet HTML 11Page - STMicroelectronics UM0144 Datasheet HTML 12Page - STMicroelectronics UM0144 Datasheet HTML 13Page - STMicroelectronics UM0144 Datasheet HTML 14Page - STMicroelectronics UM0144 Datasheet HTML 15Page - STMicroelectronics UM0144 Datasheet HTML 16Page - STMicroelectronics UM0144 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
ST7 Assembler Linker
3 ST7 Assembler
UM0144
13/92
3
ST7 Assembler
3.1
Overview
The ST7 Assembler program is a cross-assembler, meaning that it produces code for a target
machine—an ST7 microprocessor—which is different from the host machine.
The assembler turns your source code files into relocatable object modules ready for linking.
During the process, it checks for many different types of errors. These errors are recorded in an
ASCII file called cbe.err. (Note that the linker also writes to this file.) Error messages are
explained in on page 78.
To produce code ready for execution, you must run the assembler (ASM), the linker (LYN), and
the object code formatter (OBSEND).
3.2
Source files
Source program code is written in the ST7 Assembler language and is saved in an ASCII text
file named source file. A source file has the extension .asm. It is made up of lines, each of
which is terminated by a new line character.
For a complete reference to the ST7 Assembler language, refer to the
ST7 Programming
Manual.
3.3
Assembly source code format
The first line of an assembly source code file is reserved for specifying the *.tab file for the
target processor. You cannot put other instructions or comments in this line.
Use this line to specify the directory location of the *.tab file. If the directory is not specified, by
default the Assembler searches first in the current directory, then in the directory where the
Assembler’s executable is located.
The '.tab' suffix may be left out—as the assembler only looks for this file type.
For example, the first line of your source code might look like:
c:\st7tools\asm\st7\
If the file st7.tab can't be found in the specified or default directories, then an error is
produced and assembly is aborted.
The rest of the source code lines have the following general format:
[label[:]]<space>[opcode]<space>[operand]<space>[;comment]
where <space> refers to either a SPACE ($20) or a TAB ($09) character.
All four fields may be left blank, but the <space> fields are mandatory unless:
●
the whole line is blank, or
●
the line begins as a comment, or
●
the line ends before the remaining fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92