Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 37Page - STMicroelectronics UM0144 Datasheet HTML 38Page - STMicroelectronics UM0144 Datasheet HTML 39Page - STMicroelectronics UM0144 Datasheet HTML 40Page - STMicroelectronics UM0144 Datasheet HTML 41Page - STMicroelectronics UM0144 Datasheet HTML 42Page - STMicroelectronics UM0144 Datasheet HTML 43Page - STMicroelectronics UM0144 Datasheet HTML 44Page - STMicroelectronics UM0144 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
ST7 Assembler Linker
5 OBSEND
UM0144
41/92
5
OBSEND
5.1
What OBSEND does for you
After your program has been assembled and linked to form a '.COD' file it needs to be sent on
to the place where it will be executed. Right now, your code is just stored as a file on a disk
where the target system can't get at it.
OBSEND is a general purpose utility for .COD files in various ways using various formats.
5.2
Invoking OBSEND
OBSEND follows the same standard formats as the rest of the assembler / linker; arguments
can be given from the command line, keyboard or response file. The general syntax is:
OBSEND <file>,<destination>[,<args>],<format>
where <file> is the name of the .COD file to be formatted (default extension .COD). If the
filename is not given on the command line, you're prompted at the keyboard with:
OBSEND
STMicroelectronics - Obsend - rel. .2.00
File to Send: test
Destination Type (<f>ile,<v>ideo): f
Final Object code Filename [test.fin]: test.s19
Object Format <ENTER>=Straight Binary, ...,
ST REC <2>, ST REC <4>: s
5.2.1
Destination type
<destination>
can be "f" (file) or "v" (video). Only a single character is required.
5.2.2
Destination arguments
When the destination type is "f" (file) the argument <filename> tells OBSEND where to send
the code. The default suffix '.FIN' is assumed if none is given.
For example:
OBSEND test,f,image.s19,s
The command generates the file 'image.s19' containing the code from 'test.cod', in S-
record s format.
When the destination code is "v" (video), this field is void.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92