Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 26Page - STMicroelectronics UM0144 Datasheet HTML 27Page - STMicroelectronics UM0144 Datasheet HTML 28Page - STMicroelectronics UM0144 Datasheet HTML 29Page - STMicroelectronics UM0144 Datasheet HTML 30Page - STMicroelectronics UM0144 Datasheet HTML 31Page - STMicroelectronics UM0144 Datasheet HTML 32Page - STMicroelectronics UM0144 Datasheet HTML 33Page - STMicroelectronics UM0144 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
3 ST7 Assembler
ST7 Assembler Linker
30/92
UM0144
As you can see, conditionals may be nested—the #ELSE and #ENDIF directive are assumed
to apply to the most recent unterminated #IF.
Other special #IF directives are available as shown in
Table 12.
3.7
Running the assembler
3.7.1
Command line
The assembler needs the following arguments:
ASM <file to assemble>, <listing file>, <switches> [;]
If any or all the arguments are left out of the command line, you'll be prompted for the remaining
arguments.
For example:
ASM
STMicroelectronics - Assembler - rel. 4.44
File to Assemble: game
In the example above, no parameters were given on the command line, so all the parameters
were prompted for.
The <file to assemble> parameter assumes a default suffix ".ASM". For example, if you
type 'game' then 'game.asm' is the actual filename used.
The listing file is the file to which the assembly report is sent if selected. The default filename
(which is displayed in square brackets), is made from the path and base-name of the file to
assemble. The default filename suffix for the assembly report file is ".LST". For instance, if you
type 'game', then 'game.lst' is the actual filename used.
Note that unless the assembler is told to create either a pass-1 or pass-2 complete listing by
the options argument, the listing file will not be created.
Table 12.
Special #If directives
Directive
Usage
#IF1 and #IF2
require no conditional argument. If the appropriate pass is. being assembled, the
condition is considered 'true'; for instance #IF1 will be considered true while the
assembler is in first pass, #IF2 while in the second pass.
#IFDEF
checks for label definition.
#IFB
checks for empty argument (i.e., empty, or containing spaces / tabs), useful for
testing macro parameter existence.
#IFF
(IF False) is similar to #IF, but checks the negation of the condition argument.
#IFIDN
tests for string equality between two arguments separated by a space. This is
useful for testing macro parameters against fixed strings.
#IFLAB
checks if the argument is a predefined label.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92