Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 65Page - STMicroelectronics UM0144 Datasheet HTML 66Page - STMicroelectronics UM0144 Datasheet HTML 67Page - STMicroelectronics UM0144 Datasheet HTML 68Page - STMicroelectronics UM0144 Datasheet HTML 69Page - STMicroelectronics UM0144 Datasheet HTML 70Page - STMicroelectronics UM0144 Datasheet HTML 71Page - STMicroelectronics UM0144 Datasheet HTML 72Page - STMicroelectronics UM0144 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
ST7 Assembler Linker
UM0144
69/92
A.45
%OUT
A.46
.PAGE
A.47
PUBLIC
Purpose:
Output string to the console.
Format:
%OUT string
Description:
This directive prints its argument (which does not need to be enclosed in quotes) to
the console. This directive does not generate assembly code or data.
Example:
See Also:
Purpose:
Perform a form feed.
Format:
.PAGE
Description:
Forces a new page listing. This directive does not generate assembly code or data.
Example:
See Also:
Purpose:
Make labels public.
Format:
PUBLIC <arg>
Description:
This directive marks out given labels defined during an assembly as 'PUBLIC', i.e.,
accessible by other modules. This directive is related to EXTERN; if one module
wants to use a label defined in another, then the other module must have that label
declared PUBLIC.
A label may also be declared PUBLIC as its definition by preceding the label name
with a dot; it won't need to be declared in a PUBLIC directive then.
Example:
See Also:
EXTERN
%OUT hello!
.PAGE
module1.asm
EXTERN print.w, print1.w
...
call print
...
jp print1
module2.asm
PUBLIC print
print nop
.print1 nop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92