Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0144 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce UM0144
Description  ST7 Assembler Linker
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0144 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button UM0144 Datasheet HTML 19Page - STMicroelectronics UM0144 Datasheet HTML 20Page - STMicroelectronics UM0144 Datasheet HTML 21Page - STMicroelectronics UM0144 Datasheet HTML 22Page - STMicroelectronics UM0144 Datasheet HTML 23Page - STMicroelectronics UM0144 Datasheet HTML 24Page - STMicroelectronics UM0144 Datasheet HTML 25Page - STMicroelectronics UM0144 Datasheet HTML 26Page - STMicroelectronics UM0144 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
ST7 Assembler Linker
3 ST7 Assembler
UM0144
23/92
In the preceding example, FILE1 and FILE2 are two separate modules belonging to the same
program. FILE1 introduces two classes: 'RAM0' and 'eprom'. The class-names may be any
names you choose up to 30 characters.
The first time a class is used—introduced—you have to declare the default alignment, the start
and the end addresses of the class, and of course, the name of the class.
Users generally specify a new class for each 'area' of their target system.
In the examples above, the user has one class for the 128 bytes of on-chip RAM from 0080 to
00FF
('RAM0') and another for the 'eprom'.
The code is stored from E000 to FFFF ('eprom'). You have to supply all this information the
very first time you use a new class, otherwise only the class-name is necessary, as in FILE2.
3.4.1
Parameters
The following paragraphs describe each argument in detail.
Name
The <name> argument is optional; it can contain a name of up to 12 characters. If it does, then
all segments with the same name are grouped together within their class, in the order that new
names are defined.
Align
The <align> argument defines the threshold on which each segment must start. The default
is the alignment specified at the introduction of the class (if none is specified in the class
introduction then para alignment is assumed), although the alignment types described in
Table 8 are allowed to be specified overriding the default.
FILE2:
st7/
segment ‘RAM0’
serialtemp
ds.b
serialcou
ds.b
WORDS
segment ‘eprom’
serial_in
ld A,#0
end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92