| Moteur de recherche de fiches techniques de composants électroniques |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 5M40ZE64C5N Datasheet
# Example questions:
➢ For a 8v vccio, what is the maximum low overdrive current as specified in table 3-14?
➢ What i/o standard is only supported in bank 3 of the 5m1270z and 5m2210z devices, according to the document?
➢ What is the typical differential output voltage swing (vod) for lvds signals?
I. General Information & Notes
️· Purpose: This excerpt is from the "DC and Switching Characteristics" section of the MAX V Device Handbook. It details the various electrical characteristics of the MAX V devices' I/O (Input/Output) pins.
️· Programmable: The I/O behavior is programmable and configurable, which impacts the specific values.
️· Resistor Networks: Several I/O standards (LVDS, RSDS) are emulated using three-resistor networks.
️· Bus Hold: Includes table of bus hold specifications with minimum and maximum values.
II. Voltage Levels and Corresponding Specifications (Tables 3.3 – 3.14)
The text provides specifications for several voltage levels and associated I/O standards. Below is a summarized overview (not exhaustive—see the tables for full details):
1. 3.3V PCI
️· VCCIO: 3.0 - 3.6V
️· Supported Device: Bank 3 of 5M1270Z and 5M2210Z devices only
2. LVDS
️· VCCIO: 2.375 - 2.625V
️· VOD: 247 - 600mV (Differential output voltage swing)
️· VOS: 1.125 - 1.375V (Output offset voltage)
️· Method: Requires emulated LVDS output.
3. RSDS
️· VCCIO: 2.375 - 2.625V
️· VOD: 247 - 600mV (Differential output voltage swing)
️· VOS: 1.125 - 1.375V (Output offset voltage)
️· Method: Requires emulated RSDS output.
4. Other Voltage Levels and I/O Standards (Tables 3.3 - 3.10):
️· 1.2V: VINH must not exceed JEDEC limits
️· 1.5V: VINH must not exceed JEDEC limits
️· 1.8V: VINH must not exceed JEDEC limits
️· 2.5V
️· 3.3V
5. Bus Hold Specifications
️· Low Sustaining Current: Specifies the current level required to maintain a low output.
️· High Sustaining Current: Specifies the current level required to maintain a high output.
️· Low Overdrive Current: Specifies the maximum current that can drive the output low.
️· High Overdrive Current: Specifies the maximum current that can drive the output high.
III. Table 3.14: Summary of Key Specifications by Voltage Level
| Parameter | 1.2 V | 1.5 V | 1.8 V | 2.5 V | 3.3 V |
|---|---|---|---|---|---|
| Low Sustaining Current | 10 µA | 20 µA | 30 µA | 50 µA | 70 µA |
| High Sustaining Current | -10 µA | -20 µA | -30 µA | -50 µA | -70 µA |
| Low Overdrive Current | 130 µA | 160 µA | 200 µA | 300 µA | 500 µA |
| High Overdrive Current | -130 µA | -160 µA | -200 µA | -300 µA | -500 µA |
I. General Information & Notes
️· Purpose: This excerpt is from the "DC and Switching Characteristics" section of the MAX V Device Handbook. It details the various electrical characteristics of the MAX V devices' I/O (Input/Output) pins.
️· Programmable: The I/O behavior is programmable and configurable, which impacts the specific values.
️· Resistor Networks: Several I/O standards (LVDS, RSDS) are emulated using three-resistor networks.
️· Bus Hold: Includes table of bus hold specifications with minimum and maximum values.
II. Voltage Levels and Corresponding Specifications (Tables 3.3 – 3.14)
The text provides specifications for several voltage levels and associated I/O standards. Below is a summarized overview (not exhaustive—see the tables for full details):
1. 3.3V PCI
️· VCCIO: 3.0 - 3.6V
️· Supported Device: Bank 3 of 5M1270Z and 5M2210Z devices only
2. LVDS
️· VCCIO: 2.375 - 2.625V
️· VOD: 247 - 600mV (Differential output voltage swing)
️· VOS: 1.125 - 1.375V (Output offset voltage)
️· Method: Requires emulated LVDS output.
3. RSDS
️· VCCIO: 2.375 - 2.625V
️· VOD: 247 - 600mV (Differential output voltage swing)
️· VOS: 1.125 - 1.375V (Output offset voltage)
️· Method: Requires emulated RSDS output.
4. Other Voltage Levels and I/O Standards (Tables 3.3 - 3.10):
️· 1.2V: VINH must not exceed JEDEC limits
️· 1.5V: VINH must not exceed JEDEC limits
️· 1.8V: VINH must not exceed JEDEC limits
️· 2.5V
️· 3.3V
5. Bus Hold Specifications
️· Low Sustaining Current: Specifies the current level required to maintain a low output.
️· High Sustaining Current: Specifies the current level required to maintain a high output.
️· Low Overdrive Current: Specifies the maximum current that can drive the output low.
️· High Overdrive Current: Specifies the maximum current that can drive the output high.
III. Table 3.14: Summary of Key Specifications by Voltage Level
| Parameter | 1.2 V | 1.5 V | 1.8 V | 2.5 V | 3.3 V |
|---|---|---|---|---|---|
| Low Sustaining Current | 10 µA | 20 µA | 30 µA | 50 µA | 70 µA |
| High Sustaining Current | -10 µA | -20 µA | -30 µA | -50 µA | -70 µA |
| Low Overdrive Current | 130 µA | 160 µA | 200 µA | 300 µA | 500 µA |
| High Overdrive Current | -130 µA | -160 µA | -200 µA | -300 µA | -500 µA |
| Part No. | 5M40ZE64C5N |
| Manufacturer | ALTERA |
| Size | 489 Kbytes |
| Pages | 30 pages |
| Description | 3. DC and Switching Characteristics for MAX V Devices |