Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 210 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 210 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 206Page - Microchip Technology PIC18F4331 Datasheet HTML 207Page - Microchip Technology PIC18F4331 Datasheet HTML 208Page - Microchip Technology PIC18F4331 Datasheet HTML 209Page - Microchip Technology PIC18F4331 Datasheet HTML 210Page - Microchip Technology PIC18F4331 Datasheet HTML 211Page - Microchip Technology PIC18F4331 Datasheet HTML 212Page - Microchip Technology PIC18F4331 Datasheet HTML 213Page - Microchip Technology PIC18F4331 Datasheet HTML 214Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 208
Preliminary
 2003 Microchip Technology Inc.
REGISTER 17-8:
FLTCONFIG: FAULT CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
BRFEN
FLTBS(1)
FLTBMOD(1) FLTBEN(1)
FLTCON
FLTAS
FLTAMOD
FLTAEN
bit 7
bit 0
bit 7
BRFEN: Breakpoint Fault Enable bit
1
= Enable fault condition on a breakpoint (i.e., only when HDMIN = 1)
0
= Disable fault condition
bit 6
FLTBS: Fault B Status bit(1)
1
=FLTB is asserted;
if FLTBMOD = 0, cleared by the user
if FLTBMOD = 1, cleared automatically at beginning of the new period when FLTB is
deasserted
0
= No Fault
bit 5
FLTBMOD: Fault B Mode bit(1)
1
= Cycle-by-cycle mode: Pins are inactive for the remainder of the current PWM period, or until
FLTB is deasserted. FLTBS is cleared automatically when FLTB is inactive (no fault present).
0
= Inactive mode: Pins are deactivated (catastrophic failure) until FLTB is deasserted and
FLTBS is cleared by the user only.
bit 4
FLTBEN: Fault B Enable bit(1)
1
= Enable Fault B
0
= Disable Fault B
bit 3
FLTCON: Fault Configuration bit
1
=FLTA , FLTB or both deactivates all PWM outputs
0
=FLTA or FLTB deactivates PWM[5:0]
bit 2
FLTAS: Fault A Status bit
1
=FLTA is asserted;
If FLTAMOD = 0, cleared by the user
If FLTAMOD = 1, cleared automatically at beginning of the new period when FLTA is
deasserted.
0
= No Fault
bit 1
FLTAMOD: Fault A Mode bit
1
= Cycle-by-cycle mode: Pins are inactive for the remainder of the current PWM period, or until
FLTA is deasserted. FLTAS is cleared automatically.
0
= Inactive mode: Pins are deactivated (catastrophic failure) until FLTA is deasserted and
FLTAS is cleared by the user only.
bit 0
FLTAEN: Fault A Enable bit
1
= Enable Fault A
0
= Disable Fault A
Note 1: Unimplemented in PIC18F2X31 devices; maintain these bits clear.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com