Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 71 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 71 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 67Page - Microchip Technology PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology PIC18F4331 Datasheet HTML 71Page - Microchip Technology PIC18F4331 Datasheet HTML 72Page - Microchip Technology PIC18F4331 Datasheet HTML 73Page - Microchip Technology PIC18F4331 Datasheet HTML 74Page - Microchip Technology PIC18F4331 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 69
PIC18F2331/2431/4331/4431
PTPERL
PWM Time Base Period register (Lower 8 bits).
1111 1111
184
PTPERH
UNUSED
PWM Time Base Period register (Upper 4 bits)
---- 1111
184
PDC0L
PWM Duty Cycle #0L register (Lower 8 bits)
--00 0000
184
PDC0H
UNUSED
PWM Duty Cycle #0H register (Upper 6 bits)
0000 0000
184
PDC1L
PWM Duty Cycle #1L register (Lower 8 bits)
0000 0000
184
PDC1H
UNUSED
PWM Duty Cycle #1H register (Upper 6 bits)
--00 0000
184
PDC2L
PWM Duty Cycle #2L register (Lower 8 bits)
0000 0000
184
PDC2H
UNUSED
PWM Duty Cycle #2H register (Upper 6 bits)
--00 0000
184
PDC3L
PWM Duty Cycle #3L register (Lower 8 bits)
0000 0000
184
PDC3H
UNUSED
PWM Duty Cycle #3H register (Upper 6 bits)
--00 0000
184
SEVTCMPL
PWM Special Event Compare register (Lower 8 bits)
0000 0000
N/A
SEVTCMPH
UNUSED
PWM Special Event Compare reg (Upper 4 bits)
---- 0000
N/A
PWMCON0
—
PWMEN2
PWMEN1
PWMEN0
PMOD3
PMOD2
PMOD1
PMOD0
-101 0000
52, 187
PWMCON1
SEVOPS3
SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
0000 0-00
52, 188
DTCON
DTPS1
DTPS0
DT5
DT4
DT3
DT2
DT1
DT0
0000 0000
52, 200
FLTCONFIG
—
FLTBS
FLTBMOD
FLTBEN
FLTCON
FLTAS
FLTAMOD
FLTAEN
-000 0000
52, 208
OVDCOND
POVD7
POVD6
POVD5
POVD4
POVD3
POVD2
POVD1
POVD0
1111 1111
52, 203
OVDCONS
POUT7
POUT6
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
0000 0000
52, 204
CAP1BUFH/
VELRH
Capture 1 register, High Byte/
Velocity register, High Byte
xxxx xxxx
52,
CAP1BUFL/
VELRL
Capture 1 register Low Byte/
Velocity register, Low Byte
xxxx xxxx
52
CAP2BUFH/
POSCNTH
Capture 2 register, High Byte/
QEI Position Counter register, High Byte
xxxx xxxx
52
CAP2BUFL/
POSCNTL
Capture 2 Reg., Low Byte/
QEI Position Counter register, Low Byte
xxxx xxxx
52
CAP3BUFH/
MAXCNTH
Capture 3 Reg., High Byte/
QEI Max. Count Limit register, High Byte
xxxx xxxx
53
CAP3BUFL/
MAXCNTL
Capture 3 Reg., Low Byte/
QEI Max. Count Limit register, Low Byte
xxxx xxxx
53
CAP1CON
—
CAP1REN
—
—
CAP1M3
CAP1M2
CAP1M1
CAP1M0
-0-0 0000
53, 163
CAP2CON
—
CAP2REN
—
—
CAP2M3
CAP2M2
CAP2M1
CAP2M0
-0-0 0000
53, 163
CAP3CON
—
CAP3REN
—
—
CAP3M3
CAP3M2
CAP3M1
CAP3M0
-0-0 0000
53, 163
DFLTCON
—
FLT4EN
FLT3EN
FLT2EN
FLT1EN
FLTCK2
FLTCK1
FLTCK0
-000 0000
53, 178
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x = unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator mode only, and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and serial programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital input and read unknown, and if PBADEN = 1, PORTB<4:0> are configured as
analog input and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2X31 devices, and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’. Otherwise, RE3 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com