Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 68 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 68 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 64Page - Microchip Technology PIC18F4331 Datasheet HTML 65Page - Microchip Technology PIC18F4331 Datasheet HTML 66Page - Microchip Technology PIC18F4331 Datasheet HTML 67Page - Microchip Technology PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology PIC18F4331 Datasheet HTML 71Page - Microchip Technology PIC18F4331 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 66
Preliminary
 2003 Microchip Technology Inc.
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
48, 58
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
48, 58
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
48, 58
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
48, 59
PCLATU
—
—bit 21(3)
Holding register for PC<20:16>
---0 0000
48, 60
PCLATH
Holding register for PC<15:8>
0000 0000
48, 60
PCL
PC Low Byte (PC<7:0>)
0000 0000
48, 60
TBLPTRU
—
—bit 21(3)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
48, 78
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
48, 78
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
48, 78
TABLAT
Program Memory Table Latch
0000 0000
48, 78
PRODH
Product register High Byte
xxxx xxxx
48, 89
PRODL
Product register Low Byte
xxxx xxxx
48, 89
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0F
RBIF
0000 000x
48, 93
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
48, 94
INTCON3
INT2P
INT1P
—INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
48, 95
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
48, 71
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
48, 71
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
48, 71
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
48, 71
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 offset by W (not a physical register)
N/A
48, 71
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High
---- 0000
48, 71
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
48, 71
WREG
Working register
xxxx xxxx
48
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
48, 71
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
48, 71
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
48, 71
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
48, 71
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 offset by W (not a physical register)
N/A
48, 71
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High
---- 0000
49, 71
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
49, 71
BSR
—
—
—
—
Bank Select Register
---- 0000
49, 70
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
49, 71
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
49, 71
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
49, 71
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
49, 71
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 offset by W (not a physical register)
N/A
49, 71
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High
---- 0000
49, 71
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
49, 71
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
49, 73
TMR0H
Timer0 register High Byte
0000 0000
49, 135
TMR0L
Timer0 register Low Byte
xxxx xxxx
49, 135
T0CON
TMR0ON
T016BIT
—
—
T0PS3
T0PS2
T0PS1
T0PS0
11-- 1111
49, 133
Legend:
x = unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator mode only, and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and serial programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital input and read unknown, and if PBADEN = 1, PORTB<4:0> are configured as
analog input and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2X31 devices, and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’. Otherwise, RE3 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com