Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 211 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 211 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 207Page - Microchip Technology PIC18F4331 Datasheet HTML 208Page - Microchip Technology PIC18F4331 Datasheet HTML 209Page - Microchip Technology PIC18F4331 Datasheet HTML 210Page - Microchip Technology PIC18F4331 Datasheet HTML 211Page - Microchip Technology PIC18F4331 Datasheet HTML 212Page - Microchip Technology PIC18F4331 Datasheet HTML 213Page - Microchip Technology PIC18F4331 Datasheet HTML 214Page - Microchip Technology PIC18F4331 Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 209
PIC18F2331/2431/4331/4431
17.13 PWM Update Lockout
For a complex PWM application, the user may need to
write up to four Duty Cycle registers and the Time Base
Period Register, PTPER, at a given time. In some
applications, it is important that all buffer registers be
written before the new duty cycle and period values are
loaded for use by the module.
A PWM update lockout feature may optionally be
enabled so the user may specify when new duty cycle
buffer values are valid. The PWM update lockout
feature is enabled by setting the control bit UDIS in the
PWMCON1 register. This bit affects all Duty Cycle
Buffer registers and the PWM time base period buffer,
PTPER.
To perform a PWM update lockout:
1.
Set the UDIS bit.
2.
Write all Duty Cycle registers and PTPER, if
applicable.
3.
Clear the UDIS bit to re-enable updates.
4.
With this, when UDIS bit is cleared, the buffer
values will be loaded to the actual registers. This
makes a synchronous loading of the registers.
17.14 PWM Special Event Trigger
The PWM module has a special event trigger capability
that allows A/D conversions to be synchronized to the
PWM time base. The A/D sampling and conversion
time may be programmed to occur at any point within
the PWM period. The special event trigger allows the
user to minimize the delay between the time when A/D
conversion results are acquired and the time when the
duty cycle value is updated.
The PWM 16-bit Special Event Trigger register
SEVTCMP (high and low), and five control bits in
PWMCON1 register are used to control its operation.
The PTMR value for which a special event trigger
should occur is loaded into the SEVTCMP register pair.
SEVTDIR bit in PWMCON1 register specifies the
counting phase when the PWM time base is in an
Up/Down Counting mode.
If the SEVTDIR bit is cleared, the special event trigger
will occur on the upward counting cycle of the PWM
time base. If SEVTDIR is set, the special event trigger
will occur on the downward count cycle of the PWM
time base. The SEVTDIR bit has effect only when PWM
timer is in the Up/Down Counting mode.
17.14.1
SPECIAL EVENT TRIGGER ENABLE
The PWM module will always produce special event
trigger pulses. This signal may optionally be used by
the A/D module. Refer to Chapter 20.0 "10-bit
High-Speed
Analog-to-Digital
Converter
(A/D)
Module" for details.
17.14.2
SPECIAL EVENT TRIGGER
POSTSCALER
The PWM special event trigger has a postscaler that
allows a 1:1 to 1:16 postscale ratio. The postscaler is
configured by writing the SEVOPS3:SEVOPS0 control
bits in the PWMCON1 register.
The special event output postscaler is cleared on any
write to the SEVTCMP register pair, or on any device
Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com