Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 70 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 66Page - Microchip Technology PIC18F4331 Datasheet HTML 67Page - Microchip Technology PIC18F4331 Datasheet HTML 68Page - Microchip Technology PIC18F4331 Datasheet HTML 69Page - Microchip Technology PIC18F4331 Datasheet HTML 70Page - Microchip Technology PIC18F4331 Datasheet HTML 71Page - Microchip Technology PIC18F4331 Datasheet HTML 72Page - Microchip Technology PIC18F4331 Datasheet HTML 73Page - Microchip Technology PIC18F4331 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 68
Preliminary
 2003 Microchip Technology Inc.
EEADR
EEPROM Address register
0000 0000
50, 85
EEDATA
EEPROM Data register
0000 0000
50, 88
EECON2
EEPROM Control register2 (not a physical register)
0000 0000
50, 76, 85
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
50, 77, 86
IPR3
—
—
—
PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
---1 1111
50
PIR3
—
—
—
PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
---0 0000
50
PIE3
—
—
—
PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
---0 0000
50
IPR2
OSFIP
—
—EEIP
—LVDIP
—
CCP2IP
1--1 -1-1
51, 103
PIR2
OSFIF
—
—
EEIF
—LVDIF
—
CCP2IF
0--0 -0-0
51, 97
PIE2
OSFIE
—
—EEIE
—LVDIE
—
CCP2IE
0--0 -0-0
51, 100
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
-111 1111
51, 102
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
-000 0000
51, 96
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
51, 99
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
25, 51
ADCON3
ADRS1
ADRS0
—
SSRC4
SSRC3
SSRC2
SSRC1
SSRC0
00-0 0000
50
ADCHS
GDSEL1
GDSEL0
GBSEL1
GBSEL0
GCSEL1
GCSEL0
GASEL1
GASEL0
0000 0000
50
TRISE(5)
—
—
—
—
—
Data Direction bits for PORTE(5)
---- -111
51, 131
TRISD(5)
Data Direction Control register for PORTD
1111 1111
51, 128
TRISC
Data Direction Control register for PORTC
1111 1111
51, 123
TRISB
Data Direction Control register for PORTB
1111 1111
51, 117
TRISA
TRISA7(2)
TRISA6(1)
Data Direction Control register for PORTA
1111 1111
51, 111
PR5H
Timer5 Period register High Byte
1111 1111
50
PR5L
Timer5 Period register Low Byte
1111 1111
50
LATE(5)
—
—
—
—
—
Read/Write PORTE Data Latch
---- -xxx
51, 132
LATD(5)
Read/Write PORTD Data Latch
xxxx xxxx
51, 128
LATC
Read/Write PORTC Data Latch
xxxx xxxx
51, 123
LATB
Read/Write PORTB Data Latch
xxxx xxxx
51, 117
LATA
LATA<7>(2)
LATA<6>(1) Read/Write PORTA Data Latch
xxxx xxxx
51, 111
TMR5H
Timer5 Timer register High Byte
xxxx xxxx
146
TMR5L
Timer5 Timer register Low Byte
xxxx xxxx
146
PORTE
—
—
—
—RE3(6)
Read PORTE pins,
Write PORTE Data Latch(5)
---- xxxx
51, 132
PORTD
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
51, 128
PORTC
Read PORTC pins, Write PORTC Data Latch
xxxx xxxx
51, 123
PORTB
Read PORTB pins, Write PORTB Data Latch(4)
xxxx xxxx
51, 117
PORTA
RA7(2)
RA6(1)
Read PORTA pins, Write PORTA Data Latch
xx0x 0000
51, 111
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
0000 0000
52, 186
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
00-- ----
52, 186
PTMRL
PWM Time Base register (lower 8 bits).
0000 0000
184
PTMRH
UNUSED
PWM Time Base register (Upper 4 bits)
---- 0000
184
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2331/2431/4331/4431) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x = unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO, ECIO and INTIO2 (with port function on RA6) Oscillator mode only, and read
‘0’ in all other oscillator modes.
2:
RA7 and associated bits are configured as port pins in INTIO2 Oscillator mode only and read ‘0’ in all other modes.
3:
Bit 21 of the PC is only available in Test mode and serial programming modes.
4:
If PBADEN = 0, PORTB<4:0> are configured as digital input and read unknown, and if PBADEN = 1, PORTB<4:0> are configured as
analog input and read ‘0’ following a Reset.
5:
These registers and/or bits are not implemented on the PIC18F2X31 devices, and read as ‘0’.
6:
The RE3 port bit is only available when MCLRE fuse (CONFIG3H<7>) is programmed to ‘0’. Otherwise, RE3 reads ‘0’. This bit is read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com