Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 212 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 212 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 208Page - Microchip Technology PIC18F4331 Datasheet HTML 209Page - Microchip Technology PIC18F4331 Datasheet HTML 210Page - Microchip Technology PIC18F4331 Datasheet HTML 211Page - Microchip Technology PIC18F4331 Datasheet HTML 212Page - Microchip Technology PIC18F4331 Datasheet HTML 213Page - Microchip Technology PIC18F4331 Datasheet HTML 214Page - Microchip Technology PIC18F4331 Datasheet HTML 215Page - Microchip Technology PIC18F4331 Datasheet HTML 216Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 210
Preliminary
 2003 Microchip Technology Inc.
TABLE 17-6:
REGISTERS ASSOCIATED WITH THE POWER CONTROL PWM MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
Resets
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
IPR3
—
—
—PTIP
IC3DRIP
IC2QEIP
IC1IP
TMR5IP
---1 1111
---1 1111
PIE3
—
—
—PTIE
IC3DRIE
IC2QEIE
IC1IE
TMR5IE
---0 0000
---0 0000
PIR3
—
—
—PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
---0 0000
---0 0000
PTCON0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1 PTCKPS0
PTMOD1 PTMOD0 0000 0000
0000 0000
PTCON1
PTEN
PTDIR
—
—
—
—
—
—
00-- ----
00-- ----
PTMRL(1)
PWM Time Base (lower 8 bits)
0000 0000
0000 0000
PTMRH(1)
—
—
—
—
PWM Time Base (upper 4 bits)
---- 0000
---- 0000
PTPERL(1)
PWM Time Base Period (lower 8 bits)
1111 1111
1111 1111
PTPERH(1)
—
—
—
—
PWM Time Base Period (upper 4 bits)
---- 1111
---- 1111
SEVTCMPL(1) PWM Special Event Compare (lower 8 bits)
0000 0000
0000 0000
SEVTCMPH(1)
—
—
—
—
PWM Special Event Compare (upper 4 bits)
---- 0000
---- 0000
PWMCON0
—
PWMEN2
PWMEN1
PWMEN0
PMOD3(2)
PMOD2
PMOD1
PMOD0
-101 0000
-101 0000
PWMCON1
SEVOPS3 SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—UDIS
OSYNC
0000 0-00
0000 0-00
DTCON
DTPS1
DTPS0
Dead Time A Value register
0000 0000
0000 0000
FLTCONFIG
BRFEN
FLTBS(2)
FLTBMOD(2) FLTBEN(2)
FLTCON
FLTAS
FLTAMOD FLTAEN
0000 0000
0000 0000
OVDCOND
POVD7(2)
POVD6(2)
POVD5
POVD4
POVD3
POVD2
POVD1
POVD0
1111 1111
1111 1111
OVDCONS
POUT7(2)
POUT6(2)
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
0000 0000
0000 0000
PDC0L(1)
PWM Duty Cycle #0L register (lower 8 bits)
--00 0000
--00 0000
PDC0H(1)
—
—
PWM Duty Cycle #0H register (upper 6 bits)
0000 0000
0000 0000
PDC1L(1)
PWM Duty Cycle #1L register (lower 8 bits)
0000 0000
0000 0000
PDC1H(1)
—
—
PWM Duty Cycle #1H register (upper 6 bits)
--00 0000
--00 0000
PDC2L(1)
PWM Duty Cycle #2L register (Lower 8 bits)
0000 0000
0000 0000
PDC2H(1)
—
—
PWM Duty Cycle #2H register (Upper 6 bits)
--00 0000
--00 0000
PDC3L(1,2)
PWM Duty Cycle #3L register (Lower 8 bits)
0000 0000
0000 0000
PDC3H(1,2)
—
—
PWM Duty Cycle #3H register (Upper 6 bits)
--00 0000
--00 0000
Legend:
-
= Unimplemented, u = Unchanged. Shaded cells are not used with the power control PWM.
Note
1:
Double-buffered register pairs. Refer to text for explanation of how these registers are read and written to.
2:
Unimplemented in PIC18F2X31 devices; maintain these bits clear. Reset values shown are for PIC18F4X31 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com