Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 42 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 42 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 38Page - Microchip Technology PIC18F4331 Datasheet HTML 39Page - Microchip Technology PIC18F4331 Datasheet HTML 40Page - Microchip Technology PIC18F4331 Datasheet HTML 41Page - Microchip Technology PIC18F4331 Datasheet HTML 42Page - Microchip Technology PIC18F4331 Datasheet HTML 43Page - Microchip Technology PIC18F4331 Datasheet HTML 44Page - Microchip Technology PIC18F4331 Datasheet HTML 45Page - Microchip Technology PIC18F4331 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 40
Preliminary
 2003 Microchip Technology Inc.
3.4.4
EXIT TO IDLE MODE
An exit from a power-managed run mode to its corre-
sponding idle mode is executed by setting the IDLEN
bit and executing a SLEEP instruction. The CPU is
halted at the beginning of the instruction following the
SLEEP
instruction. There are no changes to any of the
clock source status bits (OSTS, IOFS, or T1RUN).
While the CPU is halted, the peripherals continue to be
clocked from the previously selected clock source.
3.4.5
EXIT TO SLEEP MODE
An exit from a power-managed run mode to Sleep
mode is executed by clearing the IDLEN and
SCS1:SCS0 bits and executing a SLEEP instruction.
The code is no different than the method used to invoke
Sleep mode from the normal operating (full power)
mode.
The primary clock and internal oscillator block are dis-
abled. The INTRC will continue to operate if the WDT
is enabled. The Timer1 oscillator will continue to run, if
enabled, in the T1CON register. All clock source status
bits are cleared (OSTS, IOFS and T1RUN).
3.5
Wake From Power-Managed
Modes
An exit from any of the power-managed modes is trig-
gered by an interrupt, a Reset or a WDT time-out. This
section discusses the triggers that cause exits from
power-managed modes. The clocking subsystem
actions are discussed in each of the power-managed
modes (see Sections 3.2 through 3.4).
Device behavior during Low-power mode exits is
summarized in Table 3-3.
3.5.1
EXIT BY INTERRUPT
Any of the available interrupt sources can cause the
device to exit a power-managed mode and resume full
power operation. To enable this functionality, an inter-
rupt source must be enabled by setting its enable bit in
one of the INTCON or PIE registers. The exit sequence
is initiated when the corresponding interrupt flag bit is
set. On all exits from Low-power mode by interrupt,
code execution branches to the interrupt vector if the
GIE/GIEH bit (INTCON<7>) is set. Otherwise, code
execution continues or resumes without branching
(see Section 9.0 “Interrupts”).
Note:
If application code is timing sensitive, it
should wait for the OSTS bit to become set
before continuing. Use the interval during
the Low-power exit sequence (before
OSTS is set) to perform timing insensitive
“housekeeping” tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com