Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 206 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 206 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology PIC18F4331 Datasheet HTML 206Page - Microchip Technology PIC18F4331 Datasheet HTML 207Page - Microchip Technology PIC18F4331 Datasheet HTML 208Page - Microchip Technology PIC18F4331 Datasheet HTML 209Page - Microchip Technology PIC18F4331 Datasheet HTML 210Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 396 page
background image
PIC18F2331/2431/4331/4431
DS39616B-page 204
Preliminary
 2003 Microchip Technology Inc.
REGISTER 17-7:
OVDCONS: OUTPUT STATE REGISTER
FIGURE 17-21:
PWM OUTPUT OVERRIDE
EXAMPLE #1
TABLE 17-4:
PWM OUTPUT OVERRIDE
EXAMPLE #1
TABLE 17-5:
PWM OUTPUT OVERRIDE
EXAMPLE #2
FIGURE 17-22:
PWM OUTPUT OVERRIDE
EXAMPLE #2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
POUT7(1)
POUT6(1)
POUT5
POUT4
POUT3
POUT2
POUT1
POUT0
bit 7
bit 0
bit 7-0
POUT7:POUT0: PWM Manual Output bits(1)
1
= Output on PWM I/O pin is ACTIVE when the corresponding PWM output override bit is
cleared.
0
= Output on PWM I/O pin is INACTIVE when the corresponding PWM output override bit is
cleared.
Note 1: Unimplemented in PIC18F2X31 devices; maintain these bits clear.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown
State
OVDCOND(POVD)
OVDCONS(POUT)
1
00000000b
00100100b
2
00000000b
00100001b
3
00000000b
00001001b
4
00000000b
00011000b
5
00000000b
00010010b
6
00000000b
00000110b
State
OVDCOND (POVD)
OVDCONS (POUT)
1
11000011b
00000000b
2
11110000b
00000000b
3
00111100b
00000000b
4
00001111b
00000000b
PWM5
PWM4
PWM3
PWM2
PWM1
PWM0
12345
6
PWM7
PWM6
PWM5
PWM4
PWM3
PWM2
12
3
4
PWM1
PWM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com