Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18F4331 Fiches technique(PDF) 207 Page - Microchip Technology

No de pièce PIC18F4331
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 Fiches technique(HTML) 207 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 203Page - Microchip Technology PIC18F4331 Datasheet HTML 204Page - Microchip Technology PIC18F4331 Datasheet HTML 205Page - Microchip Technology PIC18F4331 Datasheet HTML 206Page - Microchip Technology PIC18F4331 Datasheet HTML 207Page - Microchip Technology PIC18F4331 Datasheet HTML 208Page - Microchip Technology PIC18F4331 Datasheet HTML 209Page - Microchip Technology PIC18F4331 Datasheet HTML 210Page - Microchip Technology PIC18F4331 Datasheet HTML 211Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 205
PIC18F2331/2431/4331/4431
17.11 PWM Output and Polarity Control
There are three device configuration bits associated
with the PWM module that provide PWM output pin
control defined in CONFIG3L configuration register.
• HPOL configuration bit
• LPOL configuration bit
• PWMPIN configuration bit
These three configuration bits work in conjunction with
the three PWM enable bits (PWMEN2:PWMEN0) in the
PWMCON0 register. The configuration bits and PWM
enable bits ensure that the PWM pins are in the correct
states after a device Reset occurs.
17.11.1
OUTPUT PIN CONTROL
The PWMEN2:PWMEN0 control bits enable each
PWM output pin as required in the application.
All PWM I/O pins are general purpose I/O. When a pair
of pins are enabled for PWM output, the PORT and
TRIS registers controlling the pin are disabled. Refer to
Figure 17-23 for details.
FIGURE 17-23:
PWM I/O PIN BLOCK DIAGRAM
17.11.2
OUTPUT POLARITY CONTROL
The polarity of the PWM I/O pins is set during device
programming via the HPOL and LPOL configuration
bits in the CONFIG3L device configuration register.
The HPOL configuration bit sets the output polarity for
the high-side PWM outputs, PWM1, PWM3, PWM5
and PWM7. The polarity is active-high when HPOL is
cleared (= 0), and active-low when it is set (= 1).
The LPOL configuration bit sets the output polarity for
the low-side PWM outputs, PWM0, PWM2, PWM4 and
PWM6. As with HPOL, they are active-high when LPOL
is cleared, and active-low when set.
All output signals generated by the PWM module are
referenced to the polarity control bits, including those
generated by fault inputs or manual override (see
Section 17.10 “PWM Output Override”).
The default polarity configuration bits have the PWM
I/O pins in active-high output polarity.
Data Bus
WR PORT
WR TRIS
RD PORT
Data Latch
TRIS Latch
P
VSS
I/O Pin
Q
D
Q
CK
Q
D
Q
CK
QD
EN
N
VDD
RD TRIS
Schmitt
Trigger
TTL or
0
1
PWM Pin Enable
PWM signal from
module
Note:
I/O pin has protection diodes to VDD and VSS. PWM polarity selection logic not shown for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com